Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3423 Datasheet HTML 4Page - Texas Instruments TPS3423 Datasheet HTML 5Page - Texas Instruments TPS3423 Datasheet HTML 6Page - Texas Instruments TPS3423 Datasheet HTML 7Page - Texas Instruments TPS3423 Datasheet HTML 8Page - Texas Instruments TPS3423 Datasheet HTML 9Page - Texas Instruments TPS3423 Datasheet HTML 10Page - Texas Instruments TPS3423 Datasheet HTML 11Page - Texas Instruments TPS3423 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage
VDD
–0.3
6.5
V
VPB (1)
–0.3
VDD + 0.3
V
VKILL (1)
–0.3
VDD + 0.3
V
Current
IRESET
-6
6
mA
Temperature(2)
Operating free-air temperature, TA
-40
125
°C
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond values listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD ratings (Industrial)
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001
(PB pin only) (1)
±10000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101
±750
V
(1)
AEC Q-100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply pin voltage
1
6
V
VPB
Push-button pin input voltage
0
VDD
V
VKILL
KILL pin Voltage
0
VDD
V
V INT
Interrupt pin voltage
0
VDD
V
VRESET
Output pin voltage
0
VDD
V
IRESET
Output pin current
0
5
mA
TA
Ambient temperature (free-air temperature)
-40
125
℃
CSPT
SPT capacitor (1)
125
nF
CLPT
LPT capacitor
125
nF
(1)
SPT capacitor value must be less than LPT capacitor
TPS3423, TPS3424
SNVSCN9 – SEPTEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3423 TPS3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com