Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS3423 Datasheet HTML 12Page - Texas Instruments TPS3423 Datasheet HTML 13Page - Texas Instruments TPS3423 Datasheet HTML 14Page - Texas Instruments TPS3423 Datasheet HTML 15Page - Texas Instruments TPS3423 Datasheet HTML 16Page - Texas Instruments TPS3423 Datasheet HTML 17Page - Texas Instruments TPS3423 Datasheet HTML 18Page - Texas Instruments TPS3423 Datasheet HTML 19Page - Texas Instruments TPS3423 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
7.3.2 Outputs
This section discusses the outputs of the TPS3423/4 devices.
7.3.2.1 Interrupt (INT)
INT is open drain active low output. This pin generates low pulse for short press and long press as shown in
Figure 6-1. Pulse duration for short press tINTS and long press tINTL is factory programmed. Please refer Section
4 section for the available option for the interrupt duration.
7.3.2.2 RESET / RESET
RESET output of the device supports multiple configurations as described in Table 7-2. This device is available
in all combination as described in Section 4.
Table 7-2. RESET CONFIGURATIONS
PARAMETER
VALUE
Latching option
Latched, Non-latched
Logic
Active High (AH), Active Low (AL)
Output configuration
Open Drain (OD), Push-Pull (PP)
RESET is asserted for short press and de-asserted for long press on PB pin for latched version as shown
in Figure 6-1. Pulling KILL pin low also de-asserts the RESET in latched version as described in Figure 6-4.
Non-latched RESET helps in achieving complex logic function with push-button. Non-latched RESET version of
device supports multiple pattern as described in Section 4. RESET pattern is always different for short press and
long press. One of the non-latched RESET pattern is shown in Figure 6-3.
TPS3423, TPS3424
SNVSCN9 – SEPTEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3423 TPS3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com