Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3423 Datasheet HTML 1Page - Texas Instruments TPS3423 Datasheet HTML 2Page - Texas Instruments TPS3423 Datasheet HTML 3Page - Texas Instruments TPS3423 Datasheet HTML 4Page - Texas Instruments TPS3423 Datasheet HTML 5Page - Texas Instruments TPS3423 Datasheet HTML 6Page - Texas Instruments TPS3423 Datasheet HTML 7Page - Texas Instruments TPS3423 Datasheet HTML 8Page - Texas Instruments TPS3423 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to
enable Battery Freshness Seal
1 Features
• Operating voltage range: 1V to 6V
• Nano supply current: 22nA (typical)
• HBM ESD rating on push-button pin: 10kV
• Programmable short press and long press duration
– TPS3423, TPS3424 fixed timing options:
• Short press duration: 50msec to 13 sec
• Long press duration: 1sec to 30 sec
• Timer accuracy (max): 10 %
– TPS3424: user-programmable option (50 msec
to 50 sec) through external capacitor
• Output configurations:
– RESET configurations:
• Push-pull / open-drain, active high / low
• Latched / non-latched
• 100msec to 1sec pulse option for non-
latched version
– INT configurations:
• open drain, active low
• non-latched (100msec to 1sec pulse
duration)
• Kill feature: used as feedback from the host to de-
assert RESET
• Available in pin compatible 8 pin and 6 pin DRL
package
2 Applications
• Wearables
• Gaming consoles
• Home theater entertainment
• Printers
• Health care
• Portable electronics
• Factory automation & control
3 Description
TPS3423 and TPS3424 are push-button controllers
which offer wide range of independent short press
and long press functionality. These devices offer up to
two outputs per push-button (RESET and INT), which
can be used for various use cases including enabling
the voltage regulator or circuit breakers, sending an
interrupt to micro controller and generating logic. The
device generates an interrupt pulse both for short
press and long press notifying the micro controller.
RESET output changes the state based on the device
configuration.
By controlling the power tree running off the battery,
TPS3423/4 extends battery life and prolongs device
shelf life. This feature is also known as battery
freshness seal.
TPS3423/4 are offered in fixed timing options for short
and long press durations. To provide flexibility to the
designer, TPS3424 also offers user-programmable
short and long press durations through an external
capacitor. Kill pin in TPS3424 enables feedback
from the microcontroller to asynchronously de-assert
RESET.
Device Information
PART NUMBER
PACKAGE (1)
PACKAGE SIZE (3)
TPS3423
DRL (SOT-5X3)
2.10mm × 1.60mm
DRL (SOT-5X3) (2)
1.60mm × 1.20mm
TPS3424
DRL (SOT-5X3)
2.10mm × 1.60mm
DRL (SOT-5X3) (2)
1.60mm × 1.20mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Preview package
(3)
The package size (length × width) is a nominal value and
includes pins, where applicable
VDD
PB
Kill
INT
SPT
RST
LPT
GND
GND
R1
VBAT
GND
TPS3424
DC/DC
EN
VOUT
VDD
µC
Push-bu on
C1
C2
TPS3424 Typical Application Diagram
TPS3423, TPS3424
SNVSCN9 – SEPTEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TPS3423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3423 TI-TPS3423 Datasheet
1Mb / 27P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
SEPTEMBER 2024
TPS3423 TI-TPS3423 Datasheet
1Mb / 30P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
DECEMBER 2024
TPS3423 TI2-TPS3423 Datasheet
1Mb / 28P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
REVISED AUGUST 2025
TPS3423 TI2-TPS3423 Datasheet
1Mb / 31P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
Enable Battery Freshness Seal
TPS3423CAHDFADRLR TI2-TPS3423CAHDFADRLR Datasheet
1Mb / 28P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
REVISED AUGUST 2025
More results

Similar Description - TPS3423

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
logo
Texas Instruments
TPS3420 TI-TPS3420 Datasheet
855Kb / 19P
Low-Power, Push-Button Controllers with Configurable Delay
TPS3899-Q1 TI-TPS3899-Q1 Datasheet
1Mb / 28P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899-Q1 TI-TPS3899-Q1_V01 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V02 Datasheet
2Mb / 33P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
DECEMBER 2020
TPS3899 TI-TPS3899_V03 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
logo
Maxim Integrated Produc...
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
logo
Texas Instruments
TPS3899-Q1 TI-TPS3899-Q1_V02 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V04 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
logo
Analog Devices
MAX16169 AD-MAX16169 Datasheet
528Kb / 13P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
19-101732; Rev 0; 11/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com