Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS3423 Datasheet HTML 18Page - Texas Instruments TPS3423 Datasheet HTML 19Page - Texas Instruments TPS3423 Datasheet HTML 20Page - Texas Instruments TPS3423 Datasheet HTML 21Page - Texas Instruments TPS3423 Datasheet HTML 22Page - Texas Instruments TPS3423 Datasheet HTML 23Page - Texas Instruments TPS3423 Datasheet HTML 24Page - Texas Instruments TPS3423 Datasheet HTML 25Page - Texas Instruments TPS3423 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.7
1.5
6X 0.5
2X 1.5
0.6 MAX
0.18
0.08
8X
0.4
0.2
0.05
0.00
8X
0.27
0.17
2X 4 -10
2X 0 -10
B
1.3
1.1
A
2.2
2.0
NOTE 3
SOT-5X3 - 0.6 mm max height
DRL0008A
PLASTIC SMALL OUTLINE
4224486/F 08/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, interlead flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4.Reference JEDEC Registration MO-293, Variation UDAD
1
8
ID AREA
PIN 1
4
5
SEATING PLANE
0.05 C
SCALE 8.000
0.1
C A B
0.05
SYMM
SYMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com