Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3423 Datasheet HTML 5Page - Texas Instruments TPS3423 Datasheet HTML 6Page - Texas Instruments TPS3423 Datasheet HTML 7Page - Texas Instruments TPS3423 Datasheet HTML 8Page - Texas Instruments TPS3423 Datasheet HTML 9Page - Texas Instruments TPS3423 Datasheet HTML 10Page - Texas Instruments TPS3423 Datasheet HTML 11Page - Texas Instruments TPS3423 Datasheet HTML 12Page - Texas Instruments TPS3423 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TPS3423 / TPS3424
UNIT
DRL (SOT-583)
DRL (SOT-563)
8 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
°C/W
RθJB
Junction-to-board thermal resistance
°C/W
ΨJT
Junction-to-top characterization parameter
°C/W
ΨJB
Junction-to-board characterization parameter
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
At 1 V <VDD <6 V, SPT = LPT = Open, KILL = VDD CRESET = 50 pF, INT = 10K pull up to VDD and over the operating free-air
temperature range of - 40°C to 125°C, unless otherwise noted. Typical values are at TA = 25°C.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER SUPPLY
VDD
Supply Voltage
1
6
V
IDD(Standby)
Standby supply
current(1)
VDD = 3V
TA = 25℃
22
30
nA
TA = –40℃ to 85℃
90
VDD = 6V
TA = –40℃ to 85℃
45
100
VDD = 6V
45
350
Push-button PIN
IDD(Active)
Supply current when
V PB = 0V ( two push-
button is pressed)(2)
VDD = 3V
12
µA
Supply current when
V PB = 0V ( one push-
button is pressed)(2)
7
Supply current when
VPB = VDD ( both-push
buttons are pressed)(3)
1.1
VIH(PB / PB)
PB Logic high input(2)
VDD = 3V
0.8*VDD
VIL(PB / PB)
PB Logic low Input(2)
0.3*VDD
RPB
PB pin internal pull-up /
pull-down resistance(2)
(3)
1000
kΩ
INT and RESET
VOL(INT)
Low level output
voltage
VDD = 1V, INT = 100µA
200
mV
Low level output
voltage
VDD = 3V, INT = 1mA
300
ILKG(INT)
Open drain output
leakage current for INT
VDD = V Pullup = 6V
100
nA
www.ti.com
TPS3423, TPS3424
SNVSCN9 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS3423 TPS3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com