Electronic Components Datasheet Search
  English  ▼

X  

TPS3423 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3423
Description  TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3423 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3423 Datasheet HTML 3Page - Texas Instruments TPS3423 Datasheet HTML 4Page - Texas Instruments TPS3423 Datasheet HTML 5Page - Texas Instruments TPS3423 Datasheet HTML 6Page - Texas Instruments TPS3423 Datasheet HTML 7Page - Texas Instruments TPS3423 Datasheet HTML 8Page - Texas Instruments TPS3423 Datasheet HTML 9Page - Texas Instruments TPS3423 Datasheet HTML 10Page - Texas Instruments TPS3423 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Table 5-2. TPS3424 - Pin Functions
TPS3424
I/O
DESCRIPTION
PIN
NAME
8 PIN SOT-5X3
6 PIN SOT-5X3
PB
1
1
I
Push-button input, refer Section 7.3.1.1 for additional details.
GND
2
2
-
Ground connection for IC.
VDD
3
3
I
Supply connection, connect a 0.1µF capacitor near the pin for best
performance.
SPT
4
Connect capacitor to program short press time as described in Section
7.3.1.1 for SPT Cap version.
LPT
5
O
Connect capacitor to program long press time as described in Section
7.3.1.1 for LPT Cap version.
RESET/
RESET
6
4
O
RESET output for the device. The response of RESET to short press
and long press is described in Section 7.3.2.2.
INT
7
5
I
Interrupt output. INT is open drain active low output which toggles from
every short press and long press on push-button input as described in
Section 7.3.2.1
KILL
8
6
Kill is feedback from the host. RESET can be de-asserted in the latched
version by pulling KILL low. Connect this pin to VDD if not used. Please
refer Section 7.3.1.3 for additional details.
www.ti.com
TPS3423, TPS3424
SNVSCN9 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS3423 TPS3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com