Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 134 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 134 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 130Page - PMC-Sierra, Inc PM7344 Datasheet HTML 131Page - PMC-Sierra, Inc PM7344 Datasheet HTML 132Page - PMC-Sierra, Inc PM7344 Datasheet HTML 133Page - PMC-Sierra, Inc PM7344 Datasheet HTML 134Page - PMC-Sierra, Inc PM7344 Datasheet HTML 135Page - PMC-Sierra, Inc PM7344 Datasheet HTML 136Page - PMC-Sierra, Inc PM7344 Datasheet HTML 137Page - PMC-Sierra, Inc PM7344 Datasheet HTML 138Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
118
Registers 021H, 121H, 221H and 321H: E1-FRMR Maintenance Mode
Options
Bit
Type
Function
Default
Bit 7
R/W
FASC
0
Bit 6
R/WBit2C
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
RADEB
0
Bit 2
R/W
Reserved
0
Bit 1
R
CMFACT
X
Bit 0
R
EXCRCE
X
Reserved:
The reserved bits must be programmed to logic 0 for correct operation.
FASC:
The FASC bit selects the criterion used to declare loss of frame alignment
signal: a logic 0 in the FASC bit position enables declaration of loss of frame
alignment when 3 consecutive frame alignment patterns have been received
in error; a logic 1 in the FASC bit position enables declaration of loss of frame
when 4 consecutive frame alignment pattern errors are detected.
BIT2C:
The BIT2C bit enables the additional criterion that loss of frame is declared
when bit 2 in time slot 0 of NFAS frames has been received in error on 3
consecutive occasions: a logic 1 in the BIT2C position enables declaration of
loss of frame alignment when bit 2 is received in error; a logic 0 in BIT2C
enables declaration of loss of frame alignment based on the setting of FASC,
only.
RADEB:
The RADEB bit selects the amount of debouncing applied to the Remote
Alarm Indication before the RRA is allowed to change state: a logic 0 in the
RADEB bit position enables the RRA output to change to the logic value
contained in the Remote Alarm bit position (bit 3 of NFAS frames) when the
received Remote Alarm bit value has been in the same state for 2
consecutive NFAS frames; a logic 1 in the RADEB bit position enables the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com