Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 132 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 132 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 128Page - PMC-Sierra, Inc PM7344 Datasheet HTML 129Page - PMC-Sierra, Inc PM7344 Datasheet HTML 130Page - PMC-Sierra, Inc PM7344 Datasheet HTML 131Page - PMC-Sierra, Inc PM7344 Datasheet HTML 132Page - PMC-Sierra, Inc PM7344 Datasheet HTML 133Page - PMC-Sierra, Inc PM7344 Datasheet HTML 134Page - PMC-Sierra, Inc PM7344 Datasheet HTML 135Page - PMC-Sierra, Inc PM7344 Datasheet HTML 136Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
116
Registers 020H, 120H, 220H and 320H: E1-FRMR Frame Alignment Options
Bit
Type
Function
Default
Bit 7
R/W
CRCEN
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
AFAA
0
Bit 4
R/W
CHKSEQ
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
REFR
0
Bit 1
R/W
REFCRCE
0
Bit 0
R/W
REFRDIS
0
These registers select the various framing formats and framing algorithms
supported by the E1-FRMR blocks.
Reserved:
The reserved bits must be programmed to logic 0 for correct operation.
CRCEN:
The CRCEN bit enables the E1-FRMR to frame to the CRC multiframe.
When the CRCEN bit is logic 1, the E1-FRMR searches for CRC multiframe
alignment and monitors for errors in the alignment. A logic 0 in the CRCEN
bit position disables searching for multiframe and suppresses the OOCMF,
CRCE, CMFER, and FEBE E1-FRMR statuses, forcing them to logic 0.
AFAA:
The AFAA bit enables an alternate framing algorithm. If AFAA is a logic zero,
frame alignment is declared after a correct FAS, a logic 1 in bit 2 of time slot
0 of the next frame and finally another FAS in the third frame are found. If
one of the conditions fails, the next bit position is checked for valid framing. If
AFAA is a logic one, the framing is similar to the above, but adds a "hold-off"
feature. If bit2 or the second 7-bit FAS conditions fail, the same byte location
is checked again in the subsequent frames before checking the next bit
position for frame alignment.
CHKSEQ:
The CHKSEQ bit enables the use of the check sequence to verify the correct
frame alignment in the presence of random imitative frame alignment signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com