Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 129 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 129 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 125Page - PMC-Sierra, Inc PM7344 Datasheet HTML 126Page - PMC-Sierra, Inc PM7344 Datasheet HTML 127Page - PMC-Sierra, Inc PM7344 Datasheet HTML 128Page - PMC-Sierra, Inc PM7344 Datasheet HTML 129Page - PMC-Sierra, Inc PM7344 Datasheet HTML 130Page - PMC-Sierra, Inc PM7344 Datasheet HTML 131Page - PMC-Sierra, Inc PM7344 Datasheet HTML 132Page - PMC-Sierra, Inc PM7344 Datasheet HTML 133Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
113
When BEEE is set to logic 0, bit error events are disabled from generating an
interrupt.
SFEE:
The SFEE bit enables the generation of an interrupt when a severely errored
framing event has been detected. A severely errored framing event is defined
as 2 or more framing bit errors during the current superframe for SF and ESF
formatted data. When SFEE is set to logic 1, the detection of a severely
errored framing event is allowed to generate an interrupt. When SFEE is set
to logic 0, severely errored framing events are disabled from generating an
interrupt.
MFPE:
The MFPE bit enables the generation of an interrupt when the frame find
circuitry detects the presence of framing bit mimics. The occurrence of a
mimic is defined as more than one framing bit candidate following the frame
alignment pattern. When MFPE is set to logic 1, the assertion or deassertion
of the detection of a mimic is allowed to generate an interrupt. When MFPE is
set to logic 0, the detection of a mimic framing pattern is disabled from
generating an interrupt.
INFRE:
The INFRE bit enables the generation of an interrupt when the frame find
circuitry changes state. When INFRE is set to logic 1, the assertion or
deassertion of the "inframe" state is allowed to generate an interrupt. When
INFRE is set to logic 0, a change in the "inframe" state is disabled from
generating an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com