Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 126 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 126 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 122Page - PMC-Sierra, Inc PM7344 Datasheet HTML 123Page - PMC-Sierra, Inc PM7344 Datasheet HTML 124Page - PMC-Sierra, Inc PM7344 Datasheet HTML 125Page - PMC-Sierra, Inc PM7344 Datasheet HTML 126Page - PMC-Sierra, Inc PM7344 Datasheet HTML 127Page - PMC-Sierra, Inc PM7344 Datasheet HTML 128Page - PMC-Sierra, Inc PM7344 Datasheet HTML 129Page - PMC-Sierra, Inc PM7344 Datasheet HTML 130Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
110
Registers 01CH, 11CH, 21CH and 31CH: T1-FRMR Configuration
Bit
Type
Function
Default
Bit 7
R/W
M2O[1]
0
Bit 6
R/W
M2O[0]
0
Bit 5
R/W
ESFFA
0
Bit 4
R/W
ESF
0
Bit 3
R/W
FMS1
0
Bit 2
R/W
FMS0
0
Bit 1
Unused
X
Bit 0
Unused
X
These registers select the framing format and the frame loss criteria used by the
T1-FRMR.
M2O[1:0]:
The M2O[1:0] bits select the ratio of errored to total framing bits before
declaring out of frame in SF and ESF framing formats.
M2O[1:0]
Framing bit error ratio to declare OOF
00
2 out of 4
01
2 out of 5
10
2 out of 6
11
Reserved
ESFFA:
The ESFFA bit selects one of two framing algorithms for ESF frame search in
the presence of mimic framing patterns in the incoming data. A logic 0 selects
the ESF algorithm where the T1-FRMR does not declare inframe while more
than one framing bit candidate is following the framing pattern in the incoming
data. A logic 1 selects the ESF algorithm where a CRC-6 calculation is
performed on each framing bit candidate, and is compared against the CRC
bits associated with the framing bit candidate to determine the most likely
framing bit position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com