Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 130 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 130 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 126Page - PMC-Sierra, Inc PM7344 Datasheet HTML 127Page - PMC-Sierra, Inc PM7344 Datasheet HTML 128Page - PMC-Sierra, Inc PM7344 Datasheet HTML 129Page - PMC-Sierra, Inc PM7344 Datasheet HTML 130Page - PMC-Sierra, Inc PM7344 Datasheet HTML 131Page - PMC-Sierra, Inc PM7344 Datasheet HTML 132Page - PMC-Sierra, Inc PM7344 Datasheet HTML 133Page - PMC-Sierra, Inc PM7344 Datasheet HTML 134Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
114
Registers 01EH, 11EH, 21EH and 31EH: T1-FRMR Interrupt Status
Bit
Type
Function
Default
Bit 7
R
COFAI
0
Bit 6
R
FERI
0
Bit 5
R
BEEI
0
Bit 4
R
SFEI
0
Bit 3
R
MFPI
0
Bit 2
R
INFRI
0
Bit 1
R
MFP
0
Bit 0
R
INFR
0
These registers indicate whether a change of frame alignment, a framing bit
error, a bit error event, or a severely errored framing event generated an
interrupt. These registers also indicate whether a mimic framing pattern was
detected or whether there was a change in the framing state of the frame
circuitry.
COFAI,FERI,BEEI,SFEI:
A logic 1 in the status bit positions COFAI, FERI, BEEI, and SFEI indicate that
the occurrence of the corresponding event generated an interrupt; a logic 0 in
the status bit positions COFAI, FERI, BEEI, and SFEI indicate that the
corresponding event did not generate an interrupt.
MFPI:
A logic 1 in the MFPI status bit position indicates that the assertion or
deassertion of the mimic detection indication has generated an interrupt; a
logic 0 in the MFPI bit position indicates that no change in the state of the
mimic detection indication occurred.
INFRI:
A logic 1 in the INFRI status bit position indicates that a change in the state of
the frame alignment circuitry generated an interrupt; a logic 0 in the INFRI
status bit position indicates that no state change occurred.
MFP,INFR:
The bit position MFP and INFR indicate the current state of the mimic
detection and of the frame alignment circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com