Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 124Page - PMC-Sierra, Inc PM7344 Datasheet HTML 125Page - PMC-Sierra, Inc PM7344 Datasheet HTML 126Page - PMC-Sierra, Inc PM7344 Datasheet HTML 127Page - PMC-Sierra, Inc PM7344 Datasheet HTML 128Page - PMC-Sierra, Inc PM7344 Datasheet HTML 129Page - PMC-Sierra, Inc PM7344 Datasheet HTML 130Page - PMC-Sierra, Inc PM7344 Datasheet HTML 131Page - PMC-Sierra, Inc PM7344 Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
112
Registers 01DH, 11DH, 21DH and 31DH: T1-FRMR Interrupt Enable
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
Reserved
0
Bit 5
R/W
COFAE
0
Bit 4
R/W
FERE
0
Bit 3
R/W
BEEE
0
Bit 2
R/W
SFEE
0
Bit 1
R/W
MFPE
0
Bit 0
R/W
INFRE
0
These registers select which of the MFP, COFA, FER, BEE, SFE, or INFR events
generates an interrupt on the microprocessor INTB pin when their state changes
or their event condition is detected.
Reserved:
The reserved bit must be programmed to logic 0 for correct operation.
COFAE:
The COFAE bit enables the generation of an interrupt when the frame find
circuitry determines that frame alignment has been achieved and that the
new alignment differs from the previous alignment. When COFAE is set to
logic 1, the declaration of a change of frame alignment is allowed to generate
an interrupt. When COFAE is set to logic 0, a change in the frame alignment
does not generate an interrupt.
FERE:
The FERE bit enables the generation of an interrupt when a framing bit error
has been detected. When FERE is set to logic 1, the detection of a framing
bit error is allowed to generate an interrupt. When FERE is set to logic 0, any
error in the framing bits does not generate an interrupt.
BEEE:
The BEEE bit enables the generation of an interrupt when a bit error event
has been detected. A bit error event is defined as framing bit errors for SF
formatted data, and CRC-6 errors for ESF formatted data. When BEEE is set
to logic 1, the detection of a bit error event is allowed to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com