Electronic Components Datasheet Search
  English  ▼

X  

PM7350-PI Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 28Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 29Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 30Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
20
Ball
Name
Type
Ball
No.
Function
High Speed LVDS Links
IMASTER
Input
A6
The input port master select (IMASTER) pin
determines the direction of the input port cell
interface control signals.
If IMASTER is low, the input port of the S/UNI-
DUPLEX is a bus slave and complies with the SCI-
PHY/Utopia or Any-PHY transmit protocol
depending of the state of the IANYPHY input. The
IADDR[4:0], IAVALID, IENB signals are inputs. The
ICA signal is an output.
If IMASTER is high, the input port of the S/UNI-
DUPLEX is a bus master and complies with the
SCI-PHY/Utopia receive protocol (IANYPHY must
be set to low if IMASTER is high). The IADDR[4:0],
IAVALID, IENB signals are outputs. The ICA signal
is an input.
This input is only active if the SCIANY input is a
logic high.
IBUS8
Input
C6
The input port bus width select (IBUS8) selects the
interface bus width. When IBUS8 is high, only
IDAT[7:0] are expected to present valid data and
IDAT[15:8] are ignored. When IBUS8 is low, all
IDAT[15:0] inputs are used.
This input is only active if the SCIANY input is a
logic high.
IFCLK
Input
F4
The input FIFO clock (IFCLK) is used to read words
into the S/UNI-DUPLEX upstream cell buffer.
IFCLK must cycle at a 52 MHz or lower
instantaneous rate. All SCI-PHY/Any-PHY input
port timing is relative to the rising edge of IFCLK.
This input is only active if the SCIANY input is a
logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com