Electronic Components Datasheet Search
  English  ▼

X  

PM7350-PI Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 31Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 32Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 33Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 34Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
Ball
Name
Type
Ball
No.
Function
High Speed LVDS Links
ICA
I/O
A3
The Input Cell Available (ICA) signal provides cell-
level flow control. ICA’s direction depends on the
state of the IMASTER input.
As a SCI-PHY/Utopia bus master (IMASTER = 1,
IANYPHY = 0) the S/UNI-DUPLEX polls up to 32
PHYs using the PHY address signals IADDR[4:0].
A PHY device being addressed by IADDR[4:0] is
expected to indicate whether or not it has a
complete cell available for transfer by driving ICA
during the clock cycle following that in which it is
addressed. When a cell transfer is in progress, the
S/UNI-DUPLEX will not poll the PHY device which
is sending the cell so PHY devices need not
support the cell availability indication during cell
transfer. The selection of a particular PHY device
from which to transfer a cell is indicated by the state
of IADDR[4:0] during the last cycle IENB is high.
As a bus slave (IMASTER = 0) the S/UNI-DUPLEX
indicates the ability to accept additional cells via the
ICA output. When IAVALID is sampled high in SCI-
PHY or low in Any-PHY configuration, ICA is
asserted if the cell FIFO for the logical channel
addressed by IADDR[4:0] has at least one empty
cell buffer. If the FIFO is full, ICA is deasserted. If a
cell transfer is in progress that will fill a logical
channel FIFO, ICA will also be deasserted. When
IAVALID is sampled low in SCI-PHY or high in Any-
PHY configuration, ICA becomes high impedance.
ICA is delayed by an additional clock cycle in Any-
PHY configuration. The buffer status for the
particular logical channel involved is stale for a
maximum of 16 cycles after the start of the cell
transfer when using a 8 bit bus or 12 cycles when
using a 16 bit bus. Therefore, the master should
refrain from polling that logical channel in the
interim.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com