Electronic Components Datasheet Search
  English  ▼

X  

PM7350-PI Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 46Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 47Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 48Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 50Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 51Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 52Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
Ball
Name
Type
Ball
No.
Function
High Speed LVDS Links
OADDR[4]
OADDR[3]
OADDR[2]
OADDR[1]
OADDR[0]
I/O
N9
M10
N10
L10
P11
As a SCI-PHY/Utopia bus master (OMASTER = 1,
0ANYPHY = 0) the OADDR[4:0] signals are used to
address up to 32 PHY devices for the purposes of
polling and selection for cell transfer. When
conducting polling, in order to avoid bus contention,
the S/UNI-DUPLEX inserts gap cycles during which
the OADDR[4:0] bus is set to 0x1F and OAVALID is
logic 0. When this occurs, no PHY device should
drive OCA during the following clock cycle. The
polling order is based on the existence of cells in
the downstream cell buffer. The PHY device
selected for transfer is based on the OADDR[4:0]
value present during the last cycle OENB is high.
As a bus slave the OADDR[4:0] signals are inputs.
When OAVALID is sampled high in SCI-PHY/Utopia
or low in Any-PHY configuration and the sampled
OADDR[4:0] matches the OAD[4:0] bits in the
Output Address Match register, OCA is asserted if
at least one cell is available for transfer. OCA is
delayed by an additional OFCLK cycle in Any-PHY
configuration. If the OADDR[4:0] value equals the
state of the OAD[4:0] bits in the Output Address
Match register when the OENB is last sampled
high, the S/UNI-DUPLEX will initiate a cell transfer.
As a SCI-PHY/Utopia bus slave (OMASTER = 0,
OANYPHY = 0) the device must be reselected to
resume a cell transferred that has been halted by
deasserting OENB high.
The OADDR[4:0] bus is sampled or updated on the
rising edge of OFCLK.
These signals are only active if the SCIANY input is
a logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com