Electronic Components Datasheet Search
  English  ▼

X  

PM7350-PI Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 94Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 95Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 96Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 97Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 98Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 99Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 100Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
85
Register 0x00: Master Reset and Identity / Load Performance Meters
Bit
Type
Function
Default
Bit 7
R/W
RESET
0
Bit 6
R
TYPE[2]
0
Bit 5
R
TYPE[1]
0
Bit 4
R
TYPE[0]
1
Bit 3
R
ID[3]
0
Bit 2
R
ID[2]
0
Bit 1
R
ID[1]
0
Bit 0
R
ID[0]
1
This register allows the revision number of the S/UNI-DUPLEX to be read by
software permitting graceful migration to newer, feature-enhanced versions of
the S/UNI-DUPLEX.
In addition, writing to this register simultaneously loads all the performance meter
registers in the S/UNI-DUPLEX.
ID[3:0]:
The ID bits can be read to provide a binary S/UNI-DUPLEX revision number.
TYPE[2:0]:
The TYPE bits can be read to distinguish the S/UNI-DUPLEX from the other
members of the S/UNI family of devices.
RESET:
The RESET bit allows the S/UNI-DUPLEX to be reset under software control.
If the RESET bit is a logic one, the entire S/UNI-DUPLEX is held in reset.
This bit is not self-clearing. Therefore, a logic zero must be written to bring
the S/UNI-DUPLEX out of reset. Holding the S/UNI-DUPLEX in a reset state
places it into a low power, stand-by mode. A hardware reset clears the
RESET bit, thus negating the software reset. Otherwise, the effect of a
software reset is equivalent to that of a hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com