Electronic Components Datasheet Search
  English  ▼

X  

PM7350-PI Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 13Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 14Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
5
4
APPLICATION EXAMPLES
When designing communication equipment such as access switches,
multiplexers, wireless base stations, and base station controllers the equipment
architect is faced with a common problem: how to efficiently connect a large
number of lower speed ports to a small number of high speed ports? Typically, a
number of line-side ports (analog modems, xDSL modems ATM PHYs, or RF
modems) are terminated on each line card. Numerous line cards are then
slotted into one or more shelves and backplane traces or inter-shelf cables are
used to connect the line cards to a centralized (often 1:1 protected) common
card, hereafter referred to as the core card. The core card normally includes one
or more high speed WAN up-link ports that transport traffic to and from a high
speed broadband network.
A block diagram of a 1:1 redundant system is shown in Fig. 1.
Fig. 1 Typical Target Application
Buffering
Discard
Scheduling
Modem
or PHY
WAN
up-link
S/UNI-
DUPLEX
S/UNI-
VORTEX
Line Card #1
Line Card #N
WAN Card
Policing
OA&M
OA&M
S/UNI-
DUPLEX
Buffering
Discard
Scheduling
WAN
up-link
S/UNI-
VORTEX
WAN Card
Policing
OA&M
OA&M
Modem
or PHY
Modem
or PHY
Modem
or PHY
Modem
or PHY
Modem
or PHY
In this type of equipment the majority (perhaps all) user traffic goes from WAN
port to line port, or from line port to WAN port. Although the individual ports on
the line cards are often relatively low speed interfaces such as T1, E1, or xDSL,
there may be many ports per line card and many line cards per system, resulting
in hundreds or even thousands of lines terminating on a single WAN up-link. In
the upstream direction (from line card to WAN up-link), the equipment must have
capacity to buffer and intelligently manage bursts of upstream traffic
simultaneously from numerous line cards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com