Electronic Components Datasheet Search
  English  ▼

X  

PM7350-PI Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 49Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 50Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 51Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 52Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 53Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 54Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 55Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 56Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
41
Ball
Name
Type
Ball
No.
Function
High Speed LVDS Links
TRSTB
Input
A13
The active-low test reset (TRSTB) signal provides
an asynchronous S/UNI-DUPLEX test access port
reset via the IEEE P1149.1 test access port.
TRSTB is a Schmitt triggered input with an integral
pull-up resistor.
Note that when not being used, TRSTB must be
connected to the RSTB input.
Power and Ground
BIAS
Power
A7
When tied to +5V, the BIAS input is used to bias
the wells in the input and I/O pads so that the pads
can tolerate 5V on their inputs without forward
biasing internal ESD protection devices. When
tied to +3.3V, the inputs and bi-directional inputs will
only tolerate 3.3V level inputs.
VDD
Power
B3
C5
C13
D10
E2
E14
F3
K1
L1
L4
L9
M7
M12
N3
N13
P6
The digital power (VDD) pins should be connected
to a well-decoupled +3.3 V DC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com