Electronic Components Datasheet Search
  English  ▼

X  

PM7350-PI Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM7350-PI
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350-PI Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM7350-PI Datasheet HTML 2Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 3Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 4Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 5Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 6Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 7Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 8Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 9Page - PMC-Sierra, Inc PM7350-PI Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
iv
REGISTERS 0X18, 0X1A: RXD1, RXD2 BIT ORIENTED CODE RECEIVER
ENABLE................................................................................................116
REGISTER 0X19, 0X1B: RXD1, RXD2 RECEIVE BIT ORIENTED CODE
STATUS ................................................................................................117
REGISTERS 0X1D, 0X1F: TXD1, TXD2 TRANSMIT BIT ORIENTED CODE.118
REGISTER 0X20: MICROPROCESSOR CELL BUFFER INTERRUPT..........119
REGISTER 0X21: MICROPROCESSOR INSERT FIFO CONTROL.............. 121
REGISTER 0X22: MICROPROCESSOR EXTRACT FIFO CONTROL .......... 122
REGISTER 0X23: MICROPROCESSOR INSERT FIFO READY................... 124
REGISTER 0X24: MICROPROCESSOR EXTRACT FIFO READY ............... 125
REGISTER 0X25: INSERT CRC-32 ACCUMULATOR (LSB)......................... 126
REGISTER 0X26: INSERT CRC-32 ACCUMULATOR (2ND)......................... 126
REGISTER 0X27: INSERT CRC-32 ACCUMULATOR (3RD)......................... 126
REGISTER 0X28: INSERT CRC-32 ACCUMULATOR (MSB)........................ 127
REGISTER 0X29: EXTRACT CRC-32 ACCUMULATOR (LSB) ..................... 128
REGISTER 0X2A: EXTRACT CRC-32 ACCUMULATOR (2ND) .................... 128
REGISTER 0X2B: EXTRACT CRC-32 ACCUMULATOR (3RD) .................... 128
REGISTER 0X2C: EXTRACT CRC-32 ACCUMULATOR (MSB).................... 129
REGISTER 0X2D: MICROPROCESSOR CELL DATA................................... 130
REGISTER 0X30: RXD1 EXTRACT FIFO CONTROL ................................... 131
REGISTER 0X31: RXD1 EXTRACT FIFO INTERRUPT STATUS.................. 132
REGISTER 0X34: RXD2 EXTRACT FIFO CONTROL ................................... 133
REGISTER 0X35: RXD2 EXTRACT FIFO INTERRUPT STATUS.................. 134
REGISTER 0X3C: RECEIVE LOGICAL CHANNEL FIFO CONTROL............ 135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com