Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 2 Page - NXP Semiconductors

  VR5510 Datasheet HTML 1Page - NXP Semiconductors VR5510 Datasheet HTML 2Page - NXP Semiconductors VR5510 Datasheet HTML 3Page - NXP Semiconductors VR5510 Datasheet HTML 4Page - NXP Semiconductors VR5510 Datasheet HTML 5Page - NXP Semiconductors VR5510 Datasheet HTML 6Page - NXP Semiconductors VR5510 Datasheet HTML 7Page - NXP Semiconductors VR5510 Datasheet HTML 8Page - NXP Semiconductors VR5510 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 200 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
2 Simplified application diagram
aaa-039353
VBAT
VR5510
BUCK1
BUCK2
BUCK3
LDO2
LDO1
I2C
AMUX
CLK Mgt (FSYNC)
VPRE
MCU
WAKE
PWRON1
PWRON2
Analog and digital
monitoring
BOOST
FAIL SAFE
STATE MACHINE
VDD_CORE
PCie
VDD_DDR_IO
VDD_3P3
LDO3
1P8_DDR
HVLDO
BUCK1
VDD_CORE_STBY
VDD_3P3_LP
To CAN PHY
PGOOD, RSTB
INTB
STBY_PGOOD
FIN
FS0B
FCCU1/2
STBY
Figure 1. VR5510 simplified application diagram
3 Features and benefits
• 60 VDC maximum input voltage
• VPRE synchronous buck controller with external MOSFETs; configurable output voltage, switching frequency,
and current capability up to 10 A
• Low-voltage integrated synchronous BUCK1 and BUCK2 converters dedicated to MCU core supply with SVS/
DVS capability; configurable output voltage and current capability up to 3.6 A peak; dual-phase operation to
extend the current capability up to 7.2 A peak
• Low-voltage integrated synchronous BUCK3 converter; configurable output voltage and current capability up
to 3.6 A peak
• BOOST converter with integrated low-side switch; configurable output voltage and input current capability up
to 2.25 A peak
• 3x linear voltage regulators (LDOx) for MCU IOs, double-data rate (DDR) and analog-to-digital converter
(ADC) supplies; configurable output voltage and current capability up to 400 mA
• High-voltage linear regulator (HVLDO) with current capability up to 10 mA in low dropout (LDO) mode and 100
mA in Switch mode
• EMC optimization techniques, including switch-mode power supply (SMPS) frequency synchronization,
spread spectrum, slew rate control, manual frequency tuning
VR5510
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 2 October 2024
Document feedback
2 / 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com