Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 9Page - NXP Semiconductors VR5510 Datasheet HTML 10Page - NXP Semiconductors VR5510 Datasheet HTML 11Page - NXP Semiconductors VR5510 Datasheet HTML 12Page - NXP Semiconductors VR5510 Datasheet HTML 13Page - NXP Semiconductors VR5510 Datasheet HTML 14Page - NXP Semiconductors VR5510 Datasheet HTML 15Page - NXP Semiconductors VR5510 Datasheet HTML 16Page - NXP Semiconductors VR5510 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 200 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
8.6 Functional state diagram
aaa-039357
From any
FS_state
From any
Main_state
From any
FS_state after
`8s TIMER'
From any FS_state
after `ABIST1'
exclude `PGOOD'
PORB_FS=0 or
FS_ENABLE=0
PORB_FS=1 and
VBOS > VBOS_por
PGOOD=RSTB=FS0B=0
PGOOD=RSTB=FS0B=0
Release PGOOD and RSTB,
FS0B=0
open window based on
WD_INIT_TIMEOUT_OTP[1:0]
register
PGOOD=RSTB=1, FS0B=0
RSTB=FS0B=0,
PGOOD=0
All disabled
regulators are
powering down at
the same time
RSTB=FS0B=0,
PGOOD=1
PGOOD=RSTB=FS0B=0
FS_READY=1
PGOOD=RSTB=FS0B=0
Start 8s Timer if VDDOTP=0
PGOOD=RSTB=FS0B=0
Unpowered
OFF Mode
FS
Wait 10 µs
FS_ENABLE=0
RSTB_DUR
RSTB_DUR
GOTO_INITFS
(I2C)
LBIST
(OTP)
LBIST done and VDDOTP=0
FS
READY
FS_ENABLE=1 (from Main)
8s TIMER
(Vxx_uv=0 and Vxx_ov=0)
or !Vxx_ABIST1_OTP
ABIST1
DEEP-FS
ABIST1 done
RELEASE
RESET
PGOOD=RSTB=1
INIT_FS
WD_OK
WAIT
ABIST2
WDI asserted and
FCCU_OR_WID_OTP=1
ABIST2
(I2C)
ABIST1_OK and ABIST2_OK
(Vxx_uv=0 and Vxx_ov=0)
or !Vxx_ABIST2_I2C
FS STBY MODE
FS_ENABLE=0
To Unpowered
FS0B
lock
DEEP-FS
VALID_STBY =
(STBY_SAFE_DIS_OTP=1 and STBY pin
transition and ABIST1_ok) or
(STBY_SAFE_DIS_OTP=0 and I2C req and
ABIST_ok and STBY pin transition (before
TIMING_WINDOW_STBY timer
expiration))
ASSERT
RSTB
FLT_ERR_CNT=0
and VDDOTP=0 and
RELEASE_FS0B (I2C)
WD windowing
PGOOD=RSTB=1, FS0B=1
WD windowing
PGOOD=RSTB=1, FS0B=0
FCCU monitoring is enabled
after the first good WD
FS0B_REQ
Valid_STBY
Valid_STBY
Activate
RSTB
From any FS_state
after `ABIST1'
include `RSTB'
ASSERT
PGOOD
Activate
PGOOD
Standby entry
(coming from FS)
NORMAL_
FS
PORB_MAIN=0 or VBOS
< VBOS_por or VSUP
POR or VPRE_POR
PORB_MAIN=1 and
VBOS > VBOS_por
Note: DS_LOGIC = Deep
Sleep Mode config
Note: Those conditions
will not apply if PSYNC/
PWRON2, OTP disabled
and VSUP > VSUP_UV
Note: Those conditions
will not apply if PSYNC/
PWRON2 are OTP disabled
PORB_MAIN: Main internal
supplies
(PWRON2_GATE_EN_OTP=
1 and PWRON2=1) and
(PSYNC=1&PSYNC_CFG_O
TP=1&PSYNC_EN_OTP=1)
FS_ENABLE=1
Unpowered
OFF Mode
-DS_Logic ON
-HVLDO @
config
PWRON1=1
PWRON1=0 (1ms)
or AutoRetry (if OTP
enable)
PWRON1=PWRON2=0
VPRE_fb_ov or
(VREGx_TSD)
All regulators OFF
(no power down sequence)
Fail-Safe logic OFF
Start autoretry timer if enable
Autoretry counter
+1 if enable
DFS=1 (Deep Fail-Safe request
from the FS state machine)
PORB_FS: FS
internal supplies
Fail-safe State Machine
MAIN State Machine
Fuse Loading
and
Debug Mode
Wake from
DEEP-FS
VDDOTP=0 and FS_READY=1 and
(PWRON2_GATE_EN_OTP=1&PWRON
2=1)&VPRE_AUTO_ON_OTP=0 or
(VPRE_AUTO_ON_OTP=1) or
(PSYNC=1&PSYNC_CFG_OTP=0&PSY
NC_EN_OTP=1)
VPRE
Power
UP
SLOTs
Power UP
stop
STBY
timer
End PWR_DOWN
FS_ENABLE=0
VREGx PWR_DOWN
FS_READY=1
PORB_MAIN=1 and
VBOS > VBOS_UHV
End PWR_UP
STBY timer expired
(STBY_TIMER_G flag)
STBY
wake up
(STBY pin)
Reg disable <STBY_DISCH_OTP and
(VMON1 < STBY_DISCH_OTP if
EXT_STBY_DISCH_OTP=1)
OFF Mode
PWRON2 = 1
DSM_Enable = 1
(OTP) and
PWRON2 = 0 and
PWRON2_GATE
_EN_OTP=1
GoTo_OFF_Mode=1 (I2C)
or FS_READY=0
or (VALID_WD = PWRON1=PWRON2=0)
or (PSYNC_PWRON_DOWN_OTP=1
and PSYNC=0)
VALID_WD = (ABIST2 or
NORMAL_FS) and
!(WD_WINDOW[3:0]=0000) and
!WD_DIS_OTP
NORMAL_
M
VREGx
PWR_DOWN
(inverse slot
power up)
Deep Sleep
Mode
(Only HVLDO
enable)
Stand-by
Mode
(VPRE to PFM
mode)
From any
FS_state after
`INIT_FS'
(PWRON1 = 1 or
PWRON2 = 1)
VREGx
PWR_DOWN
(inverse slot
power up)
Stand-by
PWR_UP
(VPRE to PWM
mode)
Stand-by
PWR_DOWN
(start STBY
timer if
enable)
Figure 5. Functional state diagram
8.7 Functional device operation
The VR5510 device has two independent logic blocks. The Main state machine manages the power
management, Standby mode, Deep Sleep mode, and the power-on sources. The Fail-safe sate machine
manages entry into Standby and monitors power management and the MCU.
8.8 Main state machine
The VR5510 starts when VSUP > VSUP_UVH and PWRON1 > PWRON1VIH or PWRON2 > PWRON2VIH. VBOS
powers up first, followed by VPRE. OTP programming determines the power-up sequence for the remaining
regulators. When the power-up sequence is finished, the main state machine is in Normal_M mode, which is
the application running mode with all the regulators on. Depending on the OTP configuration, HVLDO can be
programmed to be the first regulator to start up.
The device can be put into Standby mode by toggling the STBY pin or by issuing an I2C command in
conjunction with toggling the STBY pin (refer to Section 8.16 "Standby mode entry" for further details). The
VR5510
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 2 October 2024
Document feedback
13 / 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com