Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 63Page - NXP Semiconductors VR5510 Datasheet HTML 64Page - NXP Semiconductors VR5510 Datasheet HTML 65Page - NXP Semiconductors VR5510 Datasheet HTML 66Page - NXP Semiconductors VR5510 Datasheet HTML 67Page - NXP Semiconductors VR5510 Datasheet HTML 68Page - NXP Semiconductors VR5510 Datasheet HTML 69Page - NXP Semiconductors VR5510 Datasheet HTML 70Page - NXP Semiconductors VR5510 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 200 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
aaa-039396
FCCU by pair,
FCCU12_FLT_POL = 1
VR5510
FCCU
Interface
FCCU
NXP MCU
FCCU1
FCCU2
FCCU_ERR0
FCCU_ERR1
VDDIO
GND
22 kΩ
5.1 kΩ
FCCU by pair,
FCCU12_FLT_POL = 0
VR5510
FCCU
Interface
FCCU
NXP MCU
FCCU1
FCCU2
FCCU_ERR0
FCCU_ERR1
VDDIO
GND
5.1 kΩ
22 kΩ
Figure 36. FCCU connection
22.5.2 FCCU12 independent monitoring
When FCCU1 and/or FCCU2 are used independently, the FCCU inputs can monitor two different and
independent error signals. For each input, the polarity of the FCCU fault signal is configurable with the
FCCU1_FLT_POL and FCCU2_FLT_POL bits (FS_I_SAFE_INPUTS register) during the INIT_FS phase.
FCCU1_FLT_POL
FCCU1 polarity configuration
0 (default)
FCCU1 low level is a fault
1
FCCU1 high level is a fault
Reset condition
POR
FCCU2_FLT_POL
FCCU2_FLT_POL
0 (default)
FCCU2 low level is a fault
1
FCCU2 high level is a fault
Reset condition
POR
Table 54. FCCU12 polarity configuration
When an FCCU fault is detected, the Fail-safe reaction on RSTB and/or FS0B is configurable with the
FCCU1_FS_IMPACT and FCCU2_FS_IMPACT bits (FS_I_SAFE_INPUTS register) during the INIT_FS phase.
FCCU1_FS_IMPACT
FCCU1 impact on RSTB/FS0B
0
FS0B only is asserted
1 (default)
FS0B and RSTB are asserted
Reset condition
POR
FCCU2_FS_IMPACT
FCCU2 impact on RSTB/FS0B
0
FS0B only is asserted
1 (default)
FS0B and RSTB are asserted
Reset condition
POR
Table 55. FCCU12 impact configuration
VR5510
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 2 October 2024
Document feedback
67 / 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com