Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 67Page - NXP Semiconductors VR5510 Datasheet HTML 68Page - NXP Semiconductors VR5510 Datasheet HTML 69Page - NXP Semiconductors VR5510 Datasheet HTML 70Page - NXP Semiconductors VR5510 Datasheet HTML 71Page - NXP Semiconductors VR5510 Datasheet HTML 72Page - NXP Semiconductors VR5510 Datasheet HTML 73Page - NXP Semiconductors VR5510 Datasheet HTML 74Page - NXP Semiconductors VR5510 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 200 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
aaa-039397
OV
UV
TCOREMON_OV
VBUCK1 = VCOREMON = 0.75 V
VBUCK1 = VCOREMON = 0.8 V
I2C
FS_I_NOT_SVS
I2C
FS_I_SVS
VBUCK12_SVS
Figure 37. SVS principle
22.6.3 VDDIO monitoring
The VDDIO input pin can be connected to VPRE, LDO1, LDO2, LDO3, BUCK2, BUCK3, or an external
regulator. The regulator connected to VDDIO must be at 1.8 V or 3.3 V to be compatible with overvoltage
and undervoltage monitoring thresholds. Specifying which regulator is connected to VDDIO (and hence,
which regulator is turned off when an overvoltage detection occurs) is done by configuration settings in the
VDDIO_REG_ASSIGN_OTP[2:0] bit field (CFG_I2C_OTP register).
If an external regulator is connected to VDDIO, this regulator cannot be turned off, but the overvoltage flag is
reported to the MCU which can take appropriate action.
In all cases, the Fail-safe reaction on RSTB and/or FS0B is configured with the VDDIO_OV_FS_IMPACT[1:0]
and VDDIO_UV_FS_IMPACT[1:0] bitfields in the FS_I_OVUV_SAFE_REACTION1 register.
The Fail-safe VDDIO voltage (1.8 V or 3.3 V) can be set via the VDDIO_V_OTP bit (CFG_ 1_OTP register).
aaa-039398
UV
bandgap_FS
VDDIOOVTH_OTP[3:0]
VDDIOUVTH_OTP[3:0]
VDDIO_V_OTP
VDDIO
OV
Figure 38. VDDIO monitor principle
VDDIO_OV_FS_IMPACT[1:0]
VDDIO OV impact on RSTB/FS0B
00
No effect on RSTB and FS0B
Table 61. VDDIO FS impact configuration
VR5510
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 2 October 2024
Document feedback
71 / 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com