Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 35Page - NXP Semiconductors VR5510 Datasheet HTML 36Page - NXP Semiconductors VR5510 Datasheet HTML 37Page - NXP Semiconductors VR5510 Datasheet HTML 38Page - NXP Semiconductors VR5510 Datasheet HTML 39Page - NXP Semiconductors VR5510 Datasheet HTML 40Page - NXP Semiconductors VR5510 Datasheet HTML 41Page - NXP Semiconductors VR5510 Datasheet HTML 42Page - NXP Semiconductors VR5510 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 200 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
VR5510 Power Calculator tool to recalculate the theoretical efficiency. The real efficiency must be verified by
measurement at the application level.
Ext. C and L
Cin
60
μF
ESR Cin
10
mΩ
Cout
44
μF
ESR Cout
10
mΩ
L coil
1
μH
DCR coil
30
mΩ
Int. MOSFET
HS_Rdson
135
mΩ
QH
0.5
nC
THS_sw
5
ns
GHS_drive
5
V
LS-Rdson
80
mΩ
QLS
0.5
nC
TLS_sw
5
ns
GLS_drive
5
V
Ibuck3 (A)
0
2.75
2.0
1.0
BUCK3 Efficiency vs Ibuck3
1.25
0.25
0.5
0.75
2.25
2.5
1.50
1.75
aaa-039378
80
70
90
100
60
85
75
95
65
3.3 V
2.3 V
1.2 V
Table 20. BUCK3 theoretical efficiency
14 Linear voltage regulator: LDO1
14.1 Functional description
LDO1 is a medium voltage linear regulator. The output voltage is configurable from 1.1 V to 5 V by OTP
through the LDO1V_OTP [2:0] bit field (CFG_ LDO_ ALL2_OTP register). A minimum voltage drop is required,
depending on the output current capability (0.5 V for 150 mA and 1 V for 400 mA). The LDO current capability is
linear with the voltage drop and can be estimated to I(mA) = 500 x VLDO1_DROP -100 for an intermediate voltage
drop between 0.5 V and 1 V.
Overcurrent detection and a thermal shutdown are implemented on LDO1 to protect the internal pass device.
VR5510
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 2 October 2024
Document feedback
39 / 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com