Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 8Page - NXP Semiconductors VR5510 Datasheet HTML 9Page - NXP Semiconductors VR5510 Datasheet HTML 10Page - NXP Semiconductors VR5510 Datasheet HTML 11Page - NXP Semiconductors VR5510 Datasheet HTML 12Page - NXP Semiconductors VR5510 Datasheet HTML 13Page - NXP Semiconductors VR5510 Datasheet HTML 14Page - NXP Semiconductors VR5510 Datasheet HTML 15Page - NXP Semiconductors VR5510 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 200 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
Pin
Pin_Type
EMC Compliance
BUCK1/2/3_IN
Local, Supply
LDO1/2/3_IN
Local, Supply
LV_HVLDO_IN
Local, Supply
Conducted Emissions – IEC 61967-4 (150 Ω method, 10-K level, 50% load on regulators)
Conducted Immunity – IEC 62132-4 (12dBm, Class A, HVLDO in switch mode. No state
change on FS0B, RSTB, PGOOD, INTB, 50% load on all regulators and accuracy in spec
VRE_FB
Local
BUCK1/2/3_FB
Local
LDO1/2/3
Local
HVLDO
Local
VBOOST
Local
VBOS
Local
Conducted Emissions – IEC 61967-4 (150 Ω method, 10-K level, 50% load on regulators)
Conducted Immunity – IEC 62132-4 (12 dBm, Class A. No state change on FS0B, RSTB,
PGOOD, INTB, 50% load on all regulators and accuracy in spec
PWRON2
Local
Conducted Emissions – IEC 61967-4 (150 Ω method, 12-M level, 50% load on regulators)
Conducted Immunity – IEC 62132-4 (12 dBm, Class A. No state change on FS0B, RSTB,
PGOOD, INTB, 50% load on all regulators and accuracy in spec
PGOOD
Local
RSTB
Local
STBY
Local
STBY_PGOOD
Local
VDDIO
Local
Conducted Emissions – IEC 61967-4 (150 Ω method, 10-K level, 50% load on regulators)
Conducted Immunity – IEC 62132-4 (12 dBm, Class A. No state change on FS0B, RSTB,
PGOOD, INTB, 50% load on all regulators and accuracy in spec
Table 6. VR5510 EMC compliancy chart...continued
VR5510
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 2 October 2024
Document feedback
12 / 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com