Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 92Page - NXP Semiconductors VR5510 Datasheet HTML 93Page - NXP Semiconductors VR5510 Datasheet HTML 94Page - NXP Semiconductors VR5510 Datasheet HTML 95Page - NXP Semiconductors VR5510 Datasheet HTML 96Page - NXP Semiconductors VR5510 Datasheet HTML 97Page - NXP Semiconductors VR5510 Datasheet HTML 98Page - NXP Semiconductors VR5510 Datasheet HTML 99Page - NXP Semiconductors VR5510 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 200 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
00
50 V/μs
01
100 V/μs
10
300 V/μs - fast
11
500 V/μs - ultra fast
Reset condition
POR
Description
Force disable of VPRE pull down
0
No effect (VPRE pull down will be automatically controlled by the logic)
1
VPRE pull down is disabled
VPRE_
PLDWN_DIS
Reset condition
POR
Description
Enable of HVLDO
0
No effect (regulator remains in existing state)
1
Enable
HVLDOEN
Reset condition
POR
Description
Disable of HVLDO
0
No effect (regulator remains in existing state)
1
HVLDO Disable
HVLDODIS
Reset condition
POR
Description
VPRE High Side pull up slew rate control
00
130 mA typical drive capability - slow
01
260 mA typical drive capability - medium
10
520 mA typical drive capability - fast
11
900 mA typical drive capability - ultra fast
VPRESRHS_
MSB [1:0]
Reset condition
POR
Table 85. M_REG_CTRL2 register description...continued
25.6 M_REG_CTRL3 register
Return to Register Map
Bits
BIT23
BIT22
BIT21
BIT20
BIT19
BIT18
BIT17
BIT16
Write
0
LDO3
_STBY
0
LDO2
_STBY
0
LDO1
_STBY
0
HVLDO
_STBY
Read
RESERVED
LDO3
_STBY
RESERVED
LDO2
_STBY
RESERVED
LDO1
_STBY
RESERVED
HVLDO
_STBY
Reset
0
1
0
1
0
1
0
1
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
0
VPREV_
STBY
0
BUCK3_
STBY
0
BUCK2_
STBY
0
BUCK1_
STBY
VR5510
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 2 October 2024
Document feedback
96 / 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com