Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 38Page - NXP Semiconductors VR5510 Datasheet HTML 39Page - NXP Semiconductors VR5510 Datasheet HTML 40Page - NXP Semiconductors VR5510 Datasheet HTML 41Page - NXP Semiconductors VR5510 Datasheet HTML 42Page - NXP Semiconductors VR5510 Datasheet HTML 43Page - NXP Semiconductors VR5510 Datasheet HTML 44Page - NXP Semiconductors VR5510 Datasheet HTML 45Page - NXP Semiconductors VR5510 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 200 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
aaa-039381
I2C
INTERFACE
VLDO3_EN
VLDO3
COUT_LDO3
VLDO3_IN
discharge
VREF
VLDO3
Figure 22. LDO3 block diagram
15.3 Electrical characteristics
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All
voltages referenced to ground. Typical values based on TA = 25 °C.
Symbol
Parameter
Min
Typ
Max
Unit
LDO2 and LDO3
VLDO23_IN
Input voltage range (1.5 V < VLDO23 < 2.25 V)
2.5
—
5.5
V
VLDO23_IN
Input voltage range (2.25 V < VLDO23 < 5 V)
VLDO23
+ 0.25
—
5.5
V
VLDO23
Output voltage, OTP settings available:
1.5 V, 1.6 V, 1.8 V, 1.85 V, 2.15 V, 2.5 V, 2.8 V, 3.0 V, 3.1 V, 3.15 V,
3.2 V, 3.3 V, 3.35 V, 4 V, 4.9 V, 5.0 V
1.5
—
5.0
V
VLDO23_ACC
Output Voltage accuracy, 400 mA current capability
-2
—
+2
%
ILDO23_Q
Quiescent Current, No load, VSUP = 12 V
—
7
—
μA
CIN_LDO23
Effective Input capacitor
(close to LDO23_IN pin)
0.5
—
—
μF
COUT_LDO23
Effective output capacitor
3.3
—
100
μF
COUT_LDO23
Output decoupling capacitor
—
0.1
—
μF
VLDO23_LTR
Transient Load Regulation
(from 10 mA to 200 mA in 2 us)
-6
—
6
%
VLDO23_LR
Line Regulation, VLDOxIN = 2.5 V, 10 us
-5
—
5
%
VLDO23_ILIM
Current limitation, LDO mode
450
850
1475
mA
VLDO23_ILIM_SWITCH Current limitation, Switch mode
450
850
1475
mA
RLDO23_RON
LDO23 RDSon (drop-out / load switch)
—
—
220
mΩ
VLDO23_SOFT_START Soft start (Enable to 90%)
130
220
360
μs
RLDO23_DISCH
Discharge Resistance (when LDO2,3 is disabled)
—
20
40
Ω
Table 22. Electrical characteristics
VR5510
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.0 — 2 October 2024
Document feedback
42 / 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com