| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 131 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 131 Page - Texas Instruments |
|
131 / 331 page ![]() Table 5-122. System0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_EXT_REFCLK0 External system clock input I H26 MCU_OBSCLK0 Observation clock output for test and debug purposes only O H27 MCU_PORz MCU Domain cold reset I H23 MCU_PORz_OUT MCU Domain POR status output O B28 MCU_RESETSTATz MCU Domain warm reset status output O C27 MCU_RESETz MCU Domain warm reset I D28 MCU_SAFETY_ERRORn Error signal output from MCU Domain ESM IO D27 MCU_SYSCLKOUT0 MCU Domain system clock output for test and debug purposes only O H26 PORz MAIN Domain cold reset I J24 RESET_REQz MAIN Domain external warm reset request input I C28 PMIC_POWER_EN0 Pin name retained for legacy purposes, not used for power enable NA E26 PMIC_POWER_EN1 Power enable output for MAIN Domain supplies O G23 5.3.32.4 EFUSE Table 5-123. EFUSE Signal Description SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] VPP_CORE (1) Programming voltage for MAIN Domain efuses PWR AB11 VPP_MCU (1) Programming voltage for MCU Domain efuses PWR F17 (1) This signal is valid only for High-Security devices. For more details, see Section 6.7, VPP Specification for One-Time Programmable (OTP) eFUSEs. For General-Purpose devices do not connect any signal, test point, or board trace to this signal. 5.3.33 Power Supply Note All power balls must be supplied with the voltages specified in Section 6.4, Recommended Operating Conditions, unless otherwise specified in Section 5.3, Signal Descriptions. Table 5-124. Power Supply Signal Description SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] CAP_VDDS0 (1) External capacitor connection for CAP U7 CAP_VDDS0_MCU (1) External capacitor connection for CAP K23 CAP_VDDS1 (1) External capacitor connection for CAP AB21 CAP_VDDS1_MCU (1) External capacitor connection for CAP J18 CAP_VDDS2 (1) External capacitor connection for CAP Y18 CAP_VDDS2_MCU (1) External capacitor connection for CAP J19 CAP_VDDS3 (1) External capacitor connection for CAP W21 CAP_VDDS4 (1) External capacitor connection for CAP AA22 CAP_VDDS5 (1) External capacitor connection for CAP R22 CAP_VDDS6 (1) External capacitor connection for CAP V22 VDDAR_CORE MAIN domain RAM supply PWR L14, V13, V16, W19 VDDAR_CPU CPU RAM supply PWR L11, W12 VDDAR_MCU MCUSS RAM supply PWR K19, T19 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 131 Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |