Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 129 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 125Page - Texas Instruments TDA4VM Datasheet HTML 126Page - Texas Instruments TDA4VM Datasheet HTML 127Page - Texas Instruments TDA4VM Datasheet HTML 128Page - Texas Instruments TDA4VM Datasheet HTML 129Page - Texas Instruments TDA4VM Datasheet HTML 130Page - Texas Instruments TDA4VM Datasheet HTML 131Page - Texas Instruments TDA4VM Datasheet HTML 132Page - Texas Instruments TDA4VM Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 331 page
background image
5.3.32 System and Miscellaneous
5.3.32.1 Boot Mode Configuration
5.3.32.1.1 MAIN Domain
Note
BOOTMODE pins are latched on the rising edge of PORz_OUT.
Table 5-117. Sysboot Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
BOOTMODE0
Bootmode pin 0
I
AD20
BOOTMODE1
Bootmode pin 1
I
AC22
BOOTMODE2
Bootmode pin 2
I
AC29
BOOTMODE3
Bootmode pin 3
I
Y25
BOOTMODE4
Bootmode pin 4
I
V6
BOOTMODE5
Bootmode pin 5
I
V5
BOOTMODE6
Bootmode pin 6
I
AB27
BOOTMODE7
(1)
Bootmode pin 7
I
AB24
(1)
These signals must be connected to VSS through a separate external pull resistor to ensure these balls are held to a valid logic low
level.
5.3.32.1.2 MCU Domain
Note
MCU_BOOTMODE pins are latched on the rising edge of MCU_PORz_OUT.
Table 5-118. Sysboot Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_BOOTMODE00
Bootmode pin 00
I
E27
MCU_BOOTMODE01
Bootmode pin 01
I
E24
MCU_BOOTMODE02
Bootmode pin 02
I
E28
MCU_BOOTMODE03
Bootmode pin 03
I
F26
MCU_BOOTMODE04
Bootmode pin 04
I
F25
MCU_BOOTMODE05
Bootmode pin 05
I
F28
MCU_BOOTMODE06
Bootmode pin 06
I
H29
MCU_BOOTMODE07
Bootmode pin 07
I
J27
MCU_BOOTMODE08
Bootmode pin 08
I
G29
MCU_BOOTMODE09
Bootmode pin 09
I
H28
5.3.32.2 Clock
5.3.32.2.1 MAIN Domain
Table 5-119. Clock1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
OSC1_XI
High frequency oscillator input
I
P29
OSC1_XO
High frequency oscillator output
O
P27
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com