Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 126 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 122Page - Texas Instruments TDA4VM Datasheet HTML 123Page - Texas Instruments TDA4VM Datasheet HTML 124Page - Texas Instruments TDA4VM Datasheet HTML 125Page - Texas Instruments TDA4VM Datasheet HTML 126Page - Texas Instruments TDA4VM Datasheet HTML 127Page - Texas Instruments TDA4VM Datasheet HTML 128Page - Texas Instruments TDA4VM Datasheet HTML 129Page - Texas Instruments TDA4VM Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 331 page
background image
Table 5-110. CSI1 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CSI1_RXP3
CSI Differential Receive Input (positive)
I
E14
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
5.3.28 DSI_TX
5.3.28.1 MAIN Domain
Table 5-111. DSI_TX0 Signal Descriptions
SIGNAL NAME [1] (1)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
DSI_TXCLKN
DSI Differential Transmit Clock Output (positive)
O
E10
DSI_TXCLKP
DSI Differential Transmit Clock Output (negative)
O
E11
DSI_TXN0
DSI Differential Transmit Output (negative)
IO
D11
DSI_TXP0
DSI Differential Transmit Output (positive)
IO
C12
DSI_TXN1
DSI Differential Transmit Output (negative)
O
D12
DSI_TXP1
DSI Differential Transmit Output (positive)
O
C13
DSI_TXN2
DSI Differential Transmit Output (negative)
O
B13
DSI_TXP2
DSI Differential Transmit Output (positive)
O
A14
DSI_TXN3
DSI Differential Transmit Output (negative)
O
B14
DSI_TXP3
DSI Differential Transmit Output (positive)
O
A15
DSI_TXRCALIB
(2)
DSI pin connected to external resistor for on-chip resistor
calibration
A
F12
(1)
The functionality of these pins is controlled by CTRLMMR_DPHY_TX0_CTRL[1:0] LANE_FUNC_SEL. 0x0 = DSI PPI, 0x1 = CSI0 TX.
(2)
An external 500 Ω ±1%. resistor must be connected between this pin and VSS, even when the pin is unused.
5.3.29 VPFE
5.3.29.1 MAIN Domain
Table 5-112. VPFE0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VPFE0_FIELD
Video Input Field Indicator
I
AG23
VPFE0_HD
Video Input Horizontal Sync
I
AE22
VPFE0_PCLK
Video Input Pixel Clock
I
AH21
VPFE0_VD
Video Input Vertical Sync
I
AF23
VPFE0_WEN
Video Input Write Enable
I
AD23
VPFE0_DATA0
Video Input Data
I
AF24
VPFE0_DATA1
Video Input Data
I
AJ24
VPFE0_DATA2
Video Input Data
I
AG24
VPFE0_DATA3
Video Input Data
I
AD24
VPFE0_DATA4
Video Input Data
I
AC24
VPFE0_DATA5
Video Input Data
I
AE24
VPFE0_DATA6
Video Input Data
I
AJ21
VPFE0_DATA7
Video Input Data
I
AE21
VPFE0_DATA8
Video Input Data
I
AG25
VPFE0_DATA9
Video Input Data
I
AJ27
VPFE0_DATA10
Video Input Data
I
AC22
VPFE0_DATA11
Video Input Data
I
AD19
VPFE0_DATA12
Video Input Data
I
AD18
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
126
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com