| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 122 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 122 Page - Texas Instruments |
|
122 / 331 page ![]() Table 5-102. MCASP7 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP7_ACLKR MCASP Receive Bit Clock IO AC24 MCASP7_ACLKX MCASP Transmit Bit Clock IO AF24 MCASP7_AFSR MCASP Receive Frame Sync IO AE24 MCASP7_AFSX MCASP Transmit Frame Sync IO AJ24 MCASP7_AXR0 MCASP Serial Data (Input/Output) IO AG24 MCASP7_AXR1 MCASP Serial Data (Input/Output) IO AD24 MCASP7_AXR2 MCASP Serial Data (Input/Output) IO AC24 MCASP7_AXR3 MCASP Serial Data (Input/Output) IO AE24 Table 5-103. MCASP8 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP8_ACLKR MCASP Receive Bit Clock IO AH24 MCASP8_ACLKX MCASP Transmit Bit Clock IO AE22 MCASP8_AFSR MCASP Receive Frame Sync IO AE23 MCASP8_AFSX MCASP Transmit Frame Sync IO AG23 MCASP8_AXR0 MCASP Serial Data (Input/Output) IO AF23 MCASP8_AXR1 MCASP Serial Data (Input/Output) IO AD23 MCASP8_AXR2 MCASP Serial Data (Input/Output) IO AH24 MCASP8_AXR3 MCASP Serial Data (Input/Output) IO AE23 Table 5-104. MCASP9 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP9_ACLKR MCASP Receive Bit Clock IO AJ27 MCASP9_ACLKX MCASP Transmit Bit Clock IO AJ25 MCASP9_AFSR MCASP Receive Frame Sync IO AJ26 MCASP9_AFSX MCASP Transmit Frame Sync IO AH25 MCASP9_AXR0 MCASP Serial Data (Input/Output) IO AG25 MCASP9_AXR1 MCASP Serial Data (Input/Output) IO AH26 MCASP9_AXR2 MCASP Serial Data (Input/Output) IO AJ27 MCASP9_AXR3 MCASP Serial Data (Input/Output) IO AJ26 Table 5-105. MCASP10 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP10_ACLKR MCASP Receive Bit Clock IO Y28 MCASP10_ACLKX MCASP Transmit Bit Clock IO U23 MCASP10_AFSR MCASP Receive Frame Sync IO V23 MCASP10_AFSX MCASP Transmit Frame Sync IO U26 MCASP10_AXR0 MCASP Serial Data (Input/Output) IO V28 MCASP10_AXR1 MCASP Serial Data (Input/Output) IO V29 MCASP10_AXR2 MCASP Serial Data (Input/Output) IO U29 MCASP10_AXR3 MCASP Serial Data (Input/Output) IO U25 MCASP10_AXR4 MCASP Serial Data (Input/Output) IO V25 MCASP10_AXR5 MCASP Serial Data (Input/Output) IO W27 MCASP10_AXR6 MCASP Serial Data (Input/Output) IO W29 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 122 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |