| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 120 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 120 Page - Texas Instruments |
|
120 / 331 page ![]() Table 5-95. MCASP0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP0_AXR5 MCASP Serial Data (Input/Output) IO AC28 MCASP0_AXR6 MCASP Serial Data (Input/Output) IO AC27 MCASP0_AXR7 MCASP Serial Data (Input/Output) IO AJ28 MCASP0_AXR8 MCASP Serial Data (Input/Output) IO AH27 MCASP0_AXR9 MCASP Serial Data (Input/Output) IO AH29 MCASP0_AXR10 MCASP Serial Data (Input/Output) IO AG28 MCASP0_AXR11 MCASP Serial Data (Input/Output) IO AG27 MCASP0_AXR12 MCASP Serial Data (Input/Output) IO AH28 MCASP0_AXR13 MCASP Serial Data (Input/Output) IO AB24 MCASP0_AXR14 MCASP Serial Data (Input/Output) IO AB29 MCASP0_AXR15 MCASP Serial Data (Input/Output) IO AB28 Table 5-96. MCASP1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP1_ACLKR MCASP Receive Bit Clock IO AD27 MCASP1_ACLKX MCASP Transmit Bit Clock IO AB27 MCASP1_AFSR MCASP Receive Frame Sync IO AC25 MCASP1_AFSX MCASP Transmit Frame Sync IO AA28 MCASP1_AXR0 MCASP Serial Data (Input/Output) IO AE29 MCASP1_AXR1 MCASP Serial Data (Input/Output) IO AD28 MCASP1_AXR2 MCASP Serial Data (Input/Output) IO AD29 MCASP1_AXR3 MCASP Serial Data (Input/Output) IO AC26 MCASP1_AXR4 MCASP Serial Data (Input/Output) IO AA24 MCASP1_AXR5 MCASP Serial Data (Input/Output) IO Y24 MCASP1_AXR6 MCASP Serial Data (Input/Output) IO AA25 MCASP1_AXR7 MCASP Serial Data (Input/Output) IO AG26 MCASP1_AXR8 MCASP Serial Data (Input/Output) IO AF27 MCASP1_AXR9 MCASP Serial Data (Input/Output) IO AF26 MCASP1_AXR10 MCASP Serial Data (Input/Output) IO AD27 MCASP1_AXR11 MCASP Serial Data (Input/Output) IO AC25 Table 5-97. MCASP2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP2_ACLKR MCASP Receive Bit Clock IO AA27 MCASP2_ACLKX MCASP Transmit Bit Clock IO AA29 MCASP2_AFSR MCASP Receive Frame Sync IO Y26 MCASP2_AFSX MCASP Transmit Frame Sync IO AA26 MCASP2_AXR0 MCASP Serial Data (Input/Output) IO AE25 MCASP2_AXR1 MCASP Serial Data (Input/Output) IO AF29 MCASP2_AXR2 MCASP Serial Data (Input/Output) IO AG29 MCASP2_AXR3 MCASP Serial Data (Input/Output) IO Y25 MCASP2_AXR4 MCASP Serial Data (Input/Output) IO Y26 MCASP2_AXR5 MCASP Serial Data (Input/Output) IO AA27 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 120 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |