| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 121 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 121 Page - Texas Instruments |
|
121 / 331 page ![]() Table 5-98. MCASP3 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP3_ACLKR MCASP Receive Bit Clock IO AF23 MCASP3_ACLKX MCASP Transmit Bit Clock IO AG20 MCASP3_AFSR MCASP Receive Frame Sync IO AD23 MCASP3_AFSX MCASP Transmit Frame Sync IO AD21 MCASP3_AXR0 MCASP Serial Data (Input/Output) IO AD20 MCASP3_AXR1 MCASP Serial Data (Input/Output) IO AE20 MCASP3_AXR2 MCASP Serial Data (Input/Output) IO AJ20 MCASP3_AXR3 MCASP Serial Data (Input/Output) IO AJ21 Table 5-99. MCASP4 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP4_ACLKR MCASP Receive Bit Clock IO AG25 MCASP4_ACLKX MCASP Transmit Bit Clock IO AE21 MCASP4_AFSR MCASP Receive Frame Sync IO AH26 MCASP4_AFSX MCASP Transmit Frame Sync IO AH21 MCASP4_AXR0 MCASP Serial Data (Input/Output) IO AG21 MCASP4_AXR1 MCASP Serial Data (Input/Output) IO AC21 MCASP4_AXR2 MCASP Serial Data (Input/Output) IO Y23 MCASP4_AXR3 MCASP Serial Data (Input/Output) IO AF21 Table 5-100. MCASP5 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP5_ACLKR MCASP Receive Bit Clock IO AD19 MCASP5_ACLKX MCASP Transmit Bit Clock IO AB23 MCASP5_AFSR MCASP Receive Frame Sync IO AD18 MCASP5_AFSX MCASP Transmit Frame Sync IO AC22 MCASP5_AXR0 MCASP Serial Data (Input/Output) IO AJ22 MCASP5_AXR1 MCASP Serial Data (Input/Output) IO AH22 MCASP5_AXR2 MCASP Serial Data (Input/Output) IO AD19 MCASP5_AXR3 MCASP Serial Data (Input/Output) IO AD18 Table 5-101. MCASP6 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP6_ACLKR MCASP Receive Bit Clock IO AH23 MCASP6_ACLKX MCASP Transmit Bit Clock IO AC23 MCASP6_AFSR MCASP Receive Frame Sync IO AD22 MCASP6_AFSX MCASP Transmit Frame Sync IO AG22 MCASP6_AXR0 MCASP Serial Data (Input/Output) IO AF22 MCASP6_AXR1 MCASP Serial Data (Input/Output) IO AJ23 MCASP6_AXR2 MCASP Serial Data (Input/Output) IO AH23 MCASP6_AXR3 MCASP Serial Data (Input/Output) IO AD22 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 121 Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |