| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 123 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 123 Page - Texas Instruments |
|
123 / 331 page ![]() Table 5-105. MCASP10 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP10_AXR7 MCASP Serial Data (Input/Output) IO W26 Table 5-106. MCASP11 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP11_ACLKR MCASP Receive Bit Clock IO W23 MCASP11_ACLKX MCASP Transmit Bit Clock IO V27 MCASP11_AFSR MCASP Receive Frame Sync IO W28 MCASP11_AFSX MCASP Transmit Frame Sync IO U28 MCASP11_AXR0 MCASP Serial Data (Input/Output) IO U27 MCASP11_AXR1 MCASP Serial Data (Input/Output) IO U24 MCASP11_AXR2 MCASP Serial Data (Input/Output) IO R23 MCASP11_AXR3 MCASP Serial Data (Input/Output) IO T23 MCASP11_AXR4 MCASP Serial Data (Input/Output) IO Y29 MCASP11_AXR5 MCASP Serial Data (Input/Output) IO Y27 MCASP11_AXR6 MCASP Serial Data (Input/Output) IO W24 MCASP11_AXR7 MCASP Serial Data (Input/Output) IO W25 5.3.25 DSS 5.3.25.1 MAIN Domain Table 5-107. DSS0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] DSS_FSYNC0 Video Output Frame Sync 0 O AH27, Y26 DSS_FSYNC1 Video Output Frame Sync 1 O AD19, AH28 DSS_FSYNC2 Video Output Frame Sync 2 O AA27, AH29 DSS_FSYNC3 Video Output Frame Sync 3 O AG27, Y24 VOUT0_DE Video Output Data Enable O AC22 VOUT0_EXTPCLKIN Video Output External Pixel Clock Input I AH21 VOUT0_HSYNC Video Output Horizontal Sync O AJ26 VOUT0_PCLK Video Output Pixel Clock Output O AH22 VOUT0_VSYNC Video Output Vertical Sync O AJ22 VOUT0_DATA0 Video Output Data 0 O AE22 VOUT0_DATA1 Video Output Data 1 O AG23 VOUT0_DATA2 Video Output Data 2 O AF23 VOUT0_DATA3 Video Output Data 3 O AD23 VOUT0_DATA4 Video Output Data 4 O AH24 VOUT0_DATA5 Video Output Data 5 O AG21 VOUT0_DATA6 Video Output Data 6 O AE23 VOUT0_DATA7 Video Output Data 7 O AC21 VOUT0_DATA8 Video Output Data 8 O Y23 VOUT0_DATA9 Video Output Data 9 O AF21 VOUT0_DATA10 Video Output Data 10 O AB23 VOUT0_DATA11 Video Output Data 11 O AJ25 VOUT0_DATA12 Video Output Data 12 O AH25 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 123 Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |