Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 133 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 129Page - Texas Instruments TDA4VM Datasheet HTML 130Page - Texas Instruments TDA4VM Datasheet HTML 131Page - Texas Instruments TDA4VM Datasheet HTML 132Page - Texas Instruments TDA4VM Datasheet HTML 133Page - Texas Instruments TDA4VM Datasheet HTML 134Page - Texas Instruments TDA4VM Datasheet HTML 135Page - Texas Instruments TDA4VM Datasheet HTML 136Page - Texas Instruments TDA4VM Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 331 page
background image
Table 5-124. Power Supply Signal Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VDDSHV2_MCU
IO supply for MCUSS IO group 2
PWR
J22, K21
VDDSHV3
IO supply for MAIN domain IO group 3
PWR
V21, W22
VDDSHV4
IO supply for MAIN domain IO group 4
PWR
AA21, Y22
VDDSHV5
IO supply for MAIN domain IO group 5
PWR
T20, T22
VDDSHV6
IO supply for MAIN domain IO group 6
PWR
U20, U22
VDDS_DDR
DDR inteface power supply
PWR
A1, G8, J8, K7, L8,
M7, N8, P7, R8, T1
VDDS_DDR_BIAS
Bias supply for LPDDR4
PWR
H7, J6, R6, T7
VDDS_DDR_C
IO power for DDR Memory Clock Bit (MCB) macro
PWR
M9
VDDS_MMC0
MMC0 IO supply
PWR
AA8, AB7, Y7
VDDS_OSC1
HFOSC1 supply
PWR
R21
VDD_CORE
MAIN domain core supply
PWR
J10, K11, K13, K15,
K17, K9, L10, L16,
L18, M15, N14, N16,
N18, P13, P15, P17,
R14, R16, R18, R20,
T15, T17, T9, U14,
U16, U18, V15, V17,
V20, W14
VDD_CPU
CPU core supply
PWR
N10, P11, R10, R12,
U10, V11, V9, W10
VDDA_0P8_DLL_MMC0
MMC0 DLL analog supply
PWR
Y9
VDD_MCU
MCUSS core supply
PWR
L20, M19, M21, N20,
P19
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com