Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 328 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 328 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 323Page - Texas Instruments TDA4VM21 Datasheet HTML 324Page - Texas Instruments TDA4VM21 Datasheet HTML 325Page - Texas Instruments TDA4VM21 Datasheet HTML 326Page - Texas Instruments TDA4VM21 Datasheet HTML 327Page - Texas Instruments TDA4VM21 Datasheet HTML 328Page - Texas Instruments TDA4VM21 Datasheet HTML 329Page - Texas Instruments TDA4VM21 Datasheet HTML 330Page - Texas Instruments TDA4VM21 Datasheet HTML 331Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 328 / 331 page
background image
www.ti.com
PACKAGE OUTLINE
C
22.4
TYP
22.4 TYP
0.8 TYP
0.8 TYP
835X
0.45-0.55
2.8 MAX
0.5
0.3
TYP
B
24.1
23.9
A
24.1
23.9
(0.8) TYP
(0.8) TYP
(
20)
(
18)
FCBGA - 2.8 mm max height
ALF0827A
PLASTIC BALL GRID ARRAY
4224732/B 02/2019
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Pb-Free die bump and Pb-Free solder ball.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.15 C
C
E
G
J
L
N
R
U
W
AA
AC
AE
AG
1
2
3
0.15
C A B
0.08
C
SYMM
SYMM
4
5
6
7
8
9
10
11
12
13
BALL A1 CORNER
14
15
16
17
18
19
20
21
22
23
24
25
D
F
H
K
M
P
T
V
Y
AB
AD
AF
A
AJ
26
27
28
B
29
AH
SCALE 0.650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com