Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 67 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 63Page - Texas Instruments TDA4VM21 Datasheet HTML 64Page - Texas Instruments TDA4VM21 Datasheet HTML 65Page - Texas Instruments TDA4VM21 Datasheet HTML 66Page - Texas Instruments TDA4VM21 Datasheet HTML 67Page - Texas Instruments TDA4VM21 Datasheet HTML 68Page - Texas Instruments TDA4VM21 Datasheet HTML 69Page - Texas Instruments TDA4VM21 Datasheet HTML 70Page - Texas Instruments TDA4VM21 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
F24
trstn
TRSTn
0
I
PD
0
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1/1
AC2
uart0_ctsn
UART0_CTSn
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
0/1
TIMER_IO6
1
IO
0
SPI0_CS2
2
IO
1
MCAN2_RX
3
I
1
SPI2_CS0
4
IO
1
EQEP0_A
5
I
0
GPIO0_123
7
IO
0
AB1
uart0_rtsn
UART0_RTSn
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0/1
TIMER_IO7
1
IO
0
SPI0_CS3
2
IO
1
MCAN2_TX
3
O
SPI2_CLK
4
IO
0
EQEP0_B
5
I
0
GPIO0_124
7
IO
0
AB2
uart0_rxd
UART0_RXD
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
0/1
SPI2_CS1
4
IO
1
GPIO0_121
7
IO
0
AB3
uart0_txd
UART0_TXD
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0/1
SPI2_CS2
4
IO
1
SPI7_CS1
6
IO
1
GPIO0_122
7
IO
0
AC4
uart1_ctsn
UART1_CTSn
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
0/1
MCAN3_RX
1
I
1
SPI2_D0
4
IO
0
EQEP0_S
5
IO
0
GPIO0_127
7
IO
0
AD5
uart1_rtsn
UART1_RTSn
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0/1
MCAN3_TX
1
O
SPI2_D1
4
IO
0
EQEP0_I
5
IO
0
GPIO1_0
7
IO
0
AA4
uart1_rxd
UART1_RXD
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
0/1
SPI7_CS2
6
IO
1
GPIO0_125
7
IO
0
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com