Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 27 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 23Page - Texas Instruments TDA4VM21 Datasheet HTML 24Page - Texas Instruments TDA4VM21 Datasheet HTML 25Page - Texas Instruments TDA4VM21 Datasheet HTML 26Page - Texas Instruments TDA4VM21 Datasheet HTML 27Page - Texas Instruments TDA4VM21 Datasheet HTML 28Page - Texas Instruments TDA4VM21 Datasheet HTML 29Page - Texas Instruments TDA4VM21 Datasheet HTML 30Page - Texas Instruments TDA4VM21 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
T24
mmc2_dat0
MMC2_DAT0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
1
0/1
UART9_RTSn
1
O
UART0_RIn
2
I
1
TIMER_IO5
3
IO
0
UART6_TXD
4
O
EQEP2_B
5
I
0
GPIO1_26
7
IO
0
PRG0_IEP1_EDC_SYNC_OUT1
8
O
0
T27
mmc2_dat1
MMC2_DAT1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
1
0/1
UART9_CTSn
1
I
1
UART0_DTRn
2
O
TIMER_IO4
3
IO
0
UART6_RXD
4
I
1
EQEP2_A
5
I
0
GPIO1_25
7
IO
0
PRG0_IEP1_EDC_LATCH_IN1
8
I
0
T29
mmc2_dat2
MMC2_DAT2
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
1
0/1
UART9_TXD
1
O
CPTS0_HW2TSPUSH
2
I
0
I2C5_SDA
4
IOD
1
GPIO1_24
7
IO
0
T28
mmc2_dat3
MMC2_DAT3
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
1
0/1
UART9_RXD
1
I
1
CPTS0_HW1TSPUSH
2
I
0
I2C5_SCL
4
IOD
1
GPIO1_23
7
IO
0
P29
osc1_xi
OSC1_XI
I
OFF
1.8 V
VDDS_OSC1
HFOSC
P27
osc1_xo
OSC1_XO
O
OFF
1.8 V
VDDS_OSC1
HFOSC
AE17
pcie_refclk0n
PCIE_REFCLK0N
IO
OFF
0.8 V
VDDA_0P8_SE
RDES0_1 / VD
DA_1P8_SERD
ES0_1
2-L-PHY
AD16
pcie_refclk0p
PCIE_REFCLK0P
IO
OFF
0.8 V
VDDA_0P8_SE
RDES0_1 / VD
DA_1P8_SERD
ES0_1
2-L-PHY
AE14
pcie_refclk1n
PCIE_REFCLK1N
IO
OFF
0.8 V
VDDA_0P8_SE
RDES0_1 / VD
DA_1P8_SERD
ES0_1
2-L-PHY
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com