Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 81 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 77Page - Texas Instruments TDA4VM21 Datasheet HTML 78Page - Texas Instruments TDA4VM21 Datasheet HTML 79Page - Texas Instruments TDA4VM21 Datasheet HTML 80Page - Texas Instruments TDA4VM21 Datasheet HTML 81Page - Texas Instruments TDA4VM21 Datasheet HTML 82Page - Texas Instruments TDA4VM21 Datasheet HTML 83Page - Texas Instruments TDA4VM21 Datasheet HTML 84Page - Texas Instruments TDA4VM21 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 331 page
background image
Table 5-6. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
DDR0_DQ7
DDRSS Data
IO
A4
DDR0_DQ8
DDRSS Data
IO
D1
DDR0_DQ9
DDRSS Data
IO
C4
DDR0_DQ10
DDRSS Data
IO
F1
DDR0_DQ11
DDRSS Data
IO
G2
DDR0_DQ12
DDRSS Data
IO
F2
DDR0_DQ13
DDRSS Data
IO
F3
DDR0_DQ14
DDRSS Data
IO
D3
DDR0_DQ15
DDRSS Data
IO
F5
DDR0_DQ16
DDRSS Data
IO
L5
DDR0_DQ17
DDRSS Data
IO
M5
DDR0_DQ18
DDRSS Data
IO
N5
DDR0_DQ19
DDRSS Data
IO
L4
DDR0_DQ20
DDRSS Data
IO
L2
DDR0_DQ21
DDRSS Data
IO
L1
DDR0_DQ22
DDRSS Data
IO
N2
DDR0_DQ23
DDRSS Data
IO
N4
DDR0_DQ24
DDRSS Data
IO
T3
DDR0_DQ25
DDRSS Data
IO
T2
DDR0_DQ26
DDRSS Data
IO
P2
DDR0_DQ27
DDRSS Data
IO
P3
DDR0_DQ28
DDRSS Data
IO
P5
DDR0_DQ29
DDRSS Data
IO
R4
DDR0_DQ30
DDRSS Data
IO
T4
DDR0_DQ31
DDRSS Data
IO
T5
DDR0_DQS0N
DDRSS Complimentary Data Strobe
IO
B1
DDR0_DQS0P
DDRSS Data Strobe
IO
B2
DDR0_DQS1N
DDRSS Complimentary Data Strobe
IO
E2
DDR0_DQS1P
DDRSS Data Strobe
IO
E3
DDR0_DQS2N
DDRSS Complimentary Data Strobe
IO
M2
DDR0_DQS2P
DDRSS Data Strobe
IO
M3
DDR0_DQS3N
DDRSS Complimentary Data Strobe
IO
R1
DDR0_DQS3P
DDRSS Data Strobe
IO
R2
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
5.3.3 GPIO
5.3.3.1 MAIN Domain
Table 5-7. GPIO0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
GPIO0_0
General Purpose Input/Output
IO
AC18
GPIO0_1
General Purpose Input/Output
IO
AC23
GPIO0_2
General Purpose Input/Output
IO
AG22
GPIO0_3
General Purpose Input/Output
IO
AF22
GPIO0_4
General Purpose Input/Output
IO
AJ23
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com