Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 26 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 22Page - Texas Instruments TDA4VM21 Datasheet HTML 23Page - Texas Instruments TDA4VM21 Datasheet HTML 24Page - Texas Instruments TDA4VM21 Datasheet HTML 25Page - Texas Instruments TDA4VM21 Datasheet HTML 26Page - Texas Instruments TDA4VM21 Datasheet HTML 27Page - Texas Instruments TDA4VM21 Datasheet HTML 28Page - Texas Instruments TDA4VM21 Datasheet HTML 29Page - Texas Instruments TDA4VM21 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
T25
mmc2_cmd
MMC2_CMD
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
1
0/1
USB0_DRVVBUS
1
O
USB1_DRVVBUS
2
O
TIMER_IO7
3
IO
0
I2C3_SDA
4
IOD
1
UART3_TXD
5
O
GPIO1_28
7
IO
0
AG2
mmc0_dat0
MMC0_DAT0
IO
PU
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
AH1
mmc0_dat1
MMC0_DAT1
IO
PU
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
AG3
mmc0_dat2
MMC0_DAT2
IO
PU
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
AF4
mmc0_dat3
MMC0_DAT3
IO
PU
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
AE5
mmc0_dat4
MMC0_DAT4
IO
PU
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
AF3
mmc0_dat5
MMC0_DAT5
IO
PU
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
AG1
mmc0_dat6
MMC0_DAT6
IO
PU
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
AF2
mmc0_dat7
MMC0_DAT7
IO
PU
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
R24
mmc1_dat0
MMC1_DAT0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
1
0/1
UART7_RTSn
1
O
ECAP1_IN_APWM_OUT
2
IO
0
TIMER_IO1
3
IO
0
UART4_TXD
5
O
GPIO1_18
7
IO
0
P24
mmc1_dat1
MMC1_DAT1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
1
0/1
UART7_CTSn
1
I
1
ECAP0_IN_APWM_OUT
2
IO
0
TIMER_IO0
3
IO
0
UART4_RXD
5
I
1
GPIO1_17
7
IO
0
R25
mmc1_dat2
MMC1_DAT2
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
1
0/1
UART7_TXD
1
O
GPIO1_16
7
IO
0
R26
mmc1_dat3
MMC1_DAT3
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
1
0/1
UART7_RXD
1
I
1
GPIO1_15
7
IO
0
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com