Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 75 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 71Page - Texas Instruments TDA4VM21 Datasheet HTML 72Page - Texas Instruments TDA4VM21 Datasheet HTML 73Page - Texas Instruments TDA4VM21 Datasheet HTML 74Page - Texas Instruments TDA4VM21 Datasheet HTML 75Page - Texas Instruments TDA4VM21 Datasheet HTML 76Page - Texas Instruments TDA4VM21 Datasheet HTML 77Page - Texas Instruments TDA4VM21 Datasheet HTML 78Page - Texas Instruments TDA4VM21 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
G26
wkup_gpio0_9
MCU_I2C1_SDA
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1
0/1
MCU_I2C1_SDA
1
IOD
1
MCU_CPTS0_TS_COMP
2
O
MCU_I3C1_SDA
3
IO
1
MCU_TIMER_IO7
4
IO
0
WKUP_GPIO0_9
7
IO
0
H26
wkup_gpio0_10
MCU_EXT_REFCLK0
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0
0/1
MCU_EXT_REFCLK0
1
I
0
MCU_UART0_TXD
2
O
MCU_ADC_EXT_TRIGGER0
3
I
0
MCU_CPTS0_RFT_CLK
4
I
0
MCU_SYSCLKOUT0
5
O
WKUP_GPIO0_10
7
IO
0
H27
wkup_gpio0_11
MCU_OBSCLK0
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0/1
MCU_OBSCLK0
1
O
MCU_UART0_RXD
2
I
1
MCU_ADC_EXT_TRIGGER1
3
I
0
MCU_TIMER_IO1
4
IO
0
MCU_I3C1_SDAPULLEN
5
O
MCU_CLKOUT0
6
OZ
WKUP_GPIO0_11
7
IO
0
G29
wkup_gpio0_12
MCU_UART0_TXD
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1/1
MCU_SPI0_CS1
1
O
WKUP_GPIO0_12
7
IO
0
MCU_BOOTMODE08
Bootstrap
I
H28
wkup_gpio0_13
MCU_UART0_RXD
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1
1/1
MCU_SPI1_CS1
1
O
WKUP_GPIO0_13
7
IO
0
MCU_BOOTMODE09
Bootstrap
I
H29
wkup_gpio0_14
MCU_UART0_CTSn
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1
1/1
MCU_SPI0_CS2
1
O
WKUP_GPIO0_14
7
IO
0
MCU_BOOTMODE06
Bootstrap
I
J27
wkup_gpio0_15
MCU_UART0_RTSn
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1/1
MCU_SPI1_CS2
1
O
WKUP_GPIO0_15
7
IO
0
MCU_BOOTMODE07
Bootstrap
I
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com