Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 70 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 66Page - Texas Instruments TDA4VM21 Datasheet HTML 67Page - Texas Instruments TDA4VM21 Datasheet HTML 68Page - Texas Instruments TDA4VM21 Datasheet HTML 69Page - Texas Instruments TDA4VM21 Datasheet HTML 70Page - Texas Instruments TDA4VM21 Datasheet HTML 71Page - Texas Instruments TDA4VM21 Datasheet HTML 72Page - Texas Instruments TDA4VM21 Datasheet HTML 73Page - Texas Instruments TDA4VM21 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
AD8
usb1_vbus
USB1_VBUS
A
OFF
3.3 V
VDDA_0P8_U
SB /
VDDA_1P8_US
B /
VDDA_3P3_US
B
USB2PHY
L14, V13, V16,
W19
VDDAR_CORE
VDDAR_CORE
PWR
L11, W12
VDDAR_CPU
VDDAR_CPU
PWR
K19, T19
vddar_mcu
vddar_mcu
PWR
H17
VDDA_0P8_CSIRX
VDDA_0P8_CSIRX
PWR
G12, J12
VDDA_0P8_DP
VDDA_0P8_DP
PWR
G14, H13
VDDA_0P8_DP_C
VDDA_0P8_DP_C
PWR
H15
VDDA_0P8_DSITX
VDDA_0P8_DSITX
PWR
J16
VDDA_0P8_DSITX_C
VDDA_0P8_DSITX_C
PWR
AB9
VDDA_0P8_UFS
VDDA_0P8_UFS
PWR
AA10
VDDA_0P8_USB
VDDA_0P8_USB
PWR
AA15, Y14, Y16
VDDA_0P8_SERDES0_1
VDDA_0P8_SERDES0_1
PWR
AA12, Y11, Y13
VDDA_0P8_SERDES2_3
VDDA_0P8_SERDES2_3
PWR
AB14, AB15
VDDA_0P8_SERDES_C0_1
VDDA_0P8_SERDES_C0_1
PWR
AB12, AB13
VDDA_0P8_SERDES_C2_3
VDDA_0P8_SERDES_C2_3
PWR
G16
VDDA_1P8_CSIRX
VDDA_1P8_CSIRX
PWR
H11
VDDA_1P8_DP
VDDA_1P8_DP
PWR
J14
VDDA_1P8_DSITX
VDDA_1P8_DSITX
PWR
AC8
VDDA_1P8_UFS
VDDA_1P8_UFS
PWR
AC9
vdda_1p8_usb
vdda_1p8_usb
PWR
AC14, AC15
VDDA_1P8_SERDES0_1
VDDA_1P8_SERDES0_1
PWR
AC11, AC12
VDDA_1P8_SERDES2_3
VDDA_1P8_SERDES2_3
PWR
AB10
vdda_3p3_usb
vdda_3p3_usb
PWR
N22
VDDA_ADC0
VDDA_ADC0
PWR
M23
VDDA_ADC1
VDDA_ADC1
PWR
N9
VDDA_0P8_PLL_DDR
VDDA_0P8_PLL_DDR
PWR
G18
VDDA_MCU_PLLGRP0
VDDA_MCU_PLLGRP0
PWR
P21
VDDA_MCU_TEMP
VDDA_MCU_TEMP
PWR
W7
VDDA_1P8_MLB
VDDA_1P8_MLB
PWR
Y20
VDDA_PLLGRP0
VDDA_PLLGRP0
PWR
W17
VDDA_PLLGRP1
VDDA_PLLGRP1
PWR
M17
VDDA_PLLGRP2
VDDA_PLLGRP2
PWR
L12
VDDA_PLLGRP3
VDDA_PLLGRP3
PWR
R11
VDDA_PLLGRP4
VDDA_PLLGRP4
PWR
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
70
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com