Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 24 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 20Page - Texas Instruments TDA4VM21 Datasheet HTML 21Page - Texas Instruments TDA4VM21 Datasheet HTML 22Page - Texas Instruments TDA4VM21 Datasheet HTML 23Page - Texas Instruments TDA4VM21 Datasheet HTML 24Page - Texas Instruments TDA4VM21 Datasheet HTML 25Page - Texas Instruments TDA4VM21 Datasheet HTML 26Page - Texas Instruments TDA4VM21 Datasheet HTML 27Page - Texas Instruments TDA4VM21 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
E27
mcu_spi0_clk
MCU_SPI0_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0
1/1
WKUP_GPIO0_52
7
IO
0
MCU_BOOTMODE00
Bootstrap
I
E25
mcu_spi0_cs0
MCU_SPI0_CS0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1
0/1
MCU_TIMER_IO1
4
IO
0
WKUP_GPIO0_55
7
IO
0
E24
mcu_spi0_d0
MCU_SPI0_D0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0
1/1
WKUP_GPIO0_53
7
IO
0
MCU_BOOTMODE01
Bootstrap
I
E28
mcu_spi0_d1
MCU_SPI0_D1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0
1/1
MCU_TIMER_IO0
4
IO
0
WKUP_GPIO0_54
7
IO
0
MCU_BOOTMODE02
Bootstrap
I
V24
mdio0_mdc
MDIO0_MDC
0
O
OFF
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
0/1
TRC_DATA23
5
O
GPIO0_110
7
IO
0
GPMC0_WAIT2
8
I
0
V26
mdio0_mdio
MDIO0_MDIO
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
TRC_DATA22
5
O
GPIO0_109
7
IO
0
GPMC0_WAIT3
8
I
0
AE2
mlb0_mlbcn
MLB0_MLBCN
0
I
OFF
0
1.8 V
VDDA_1P8_ML
B
MLB_LVDS
GPIO1_35
7
IO
0
AD2
mlb0_mlbcp
MLB0_MLBCP
0
I
OFF
0
1.8 V
VDDA_1P8_ML
B
MLB_LVDS
GPIO1_34
7
IO
0
AD3
mlb0_mlbdn
MLB0_MLBDN
0
IO
OFF
0
1.8 V
VDDA_1P8_ML
B
MLB_LVDS
GPIO1_33
7
IO
0
AC3
mlb0_mlbdp
MLB0_MLBDP
0
IO
OFF
0
1.8 V
VDDA_1P8_ML
B
MLB_LVDS
GPIO1_32
7
IO
0
AC1
mlb0_mlbsn
MLB0_MLBSN
0
IO
OFF
0
1.8 V
VDDA_1P8_ML
B
MLB_LVDS
GPIO1_31
7
IO
0
AD1
mlb0_mlbsp
MLB0_MLBSP
0
IO
OFF
0
1.8 V
VDDA_1P8_ML
B
MLB_LVDS
GPIO1_30
7
IO
0
AE1
mmc0_calpad
MMC0_CALPAD
A
OFF
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
AF1
mmc0_clk
MMC0_CLK
O
DRIVE 0
(OFF)
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
AE3
mmc0_cmd
MMC0_CMD
IO
DRIVE 1
(OFF)
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com