Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 66 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 62Page - Texas Instruments TDA4VM21 Datasheet HTML 63Page - Texas Instruments TDA4VM21 Datasheet HTML 64Page - Texas Instruments TDA4VM21 Datasheet HTML 65Page - Texas Instruments TDA4VM21 Datasheet HTML 66Page - Texas Instruments TDA4VM21 Datasheet HTML 67Page - Texas Instruments TDA4VM21 Datasheet HTML 68Page - Texas Instruments TDA4VM21 Datasheet HTML 69Page - Texas Instruments TDA4VM21 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
Y3
spi1_cs0
SPI1_CS0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
0/1
UART0_CTSn
1
I
1
UART5_RXD
3
I
1
PRG0_IEP0_EDIO_OUTVALID
6
O
GPIO0_116
7
IO
0
PRG0_IEP0_EDC_LATCH_IN0
8
I
0
W4
spi1_cs1
SPI1_CS1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
0/1
CPTS0_TS_SYNC
1
O
I2C3_SDA
2
IOD
1
UART5_TXD
3
O
GPIO0_117
7
IO
0
Y5
spi1_d0
SPI1_D0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
UART5_RTSn
1
O
I2C4_SCL
2
IOD
1
UART2_TXD
3
O
GPIO0_119
7
IO
0
PRG0_IEP1_EDC_LATCH_IN0
8
I
0
Y2
spi1_d1
SPI1_D1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
I2C6_SDA
2
IOD
1
GPIO0_120
7
IO
0
PRG0_IEP1_EDC_SYNC_OUT0
8
O
0
E29
tck
TCK
0
I
PU
0
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1/1
V1
tdi
TDI
0
I
PU
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1/1
V3
tdo
TDO
0
OZ
PU
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0/0
V6
timer_io0
TIMER_IO0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
1/1
ECAP1_IN_APWM_OUT
1
IO
0
SYSCLKOUT0
2
O
SPI7_D0
6
IO
0
GPIO1_13
7
IO
0
BOOTMODE4
Bootstrap
I
V5
timer_io1
TIMER_IO1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
1/1
ECAP2_IN_APWM_OUT
1
IO
0
OBSCLK0
2
O
SPI7_D1
6
IO
0
GPIO1_14
7
IO
0
BOOTMODE5
Bootstrap
I
V2
tms
TMS
0
I
PU
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1/1
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
66
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com