Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 80 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 76Page - Texas Instruments TDA4VM21 Datasheet HTML 77Page - Texas Instruments TDA4VM21 Datasheet HTML 78Page - Texas Instruments TDA4VM21 Datasheet HTML 79Page - Texas Instruments TDA4VM21 Datasheet HTML 80Page - Texas Instruments TDA4VM21 Datasheet HTML 81Page - Texas Instruments TDA4VM21 Datasheet HTML 82Page - Texas Instruments TDA4VM21 Datasheet HTML 83Page - Texas Instruments TDA4VM21 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 331 page
background image
Table 5-4. ADC1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_ADC1_AIN0
ADC Analog Input 0
A
N23
MCU_ADC1_AIN1
ADC Analog Input 1
A
M25
MCU_ADC1_AIN2
ADC Analog Input 2
A
L24
MCU_ADC1_AIN3
ADC Analog Input 3
A
L26
MCU_ADC1_AIN4
ADC Analog Input 4
A
N24
MCU_ADC1_AIN5
ADC Analog Input 5
A
M24
MCU_ADC1_AIN6
ADC Analog Input 6
A
L25
MCU_ADC1_AIN7
ADC Analog Input 7
A
L27
5.3.2 DDRSS
5.3.2.1 MAIN Domain
Table 5-5. DDRSS Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
DDR_RET
External IO Retention Enable
I
P6
Table 5-6. DDRSS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
DDR0_CKN
DDRSS Differential Clock (negative)
IO
J1
DDR0_CKP
DDRSS Differential Clock (positive)
IO
H1
DDR0_RESETn
DDRSS Reset
IO
K6
DDR0_CA0
DDRSS Command Address
IO
G4
DDR0_CA1
DDRSS Command Address
IO
H3
DDR0_CA2
DDRSS Command Address
IO
K5
DDR0_CA3
DDRSS Command Address
IO
J4
DDR0_CA4
DDRSS Command Address
IO
K2
DDR0_CA5
DDRSS Command Address
IO
H5
DDR0_CAL0
(1)
IO Pad Calibration Resistor
A
H2
DDR0_CKE0
DDRSS Clock Enable
IO
G3
DDR0_CKE1
DDRSS Clock Enable
IO
J3
DDR0_CSn0_0
DDRSS Chip Select
IO
J5
DDR0_CSn0_1
DDRSS Chip Select
IO
K3
DDR0_CSn1_0
DDRSS Chip Select
IO
G5
DDR0_CSn1_1
DDRSS Chip Select
IO
J2
DDR0_DM0
DDRSS Data Mask
IO
A3
DDR0_DM1
DDRSS Data Mask
IO
E4
DDR0_DM2
DDRSS Data Mask
IO
N1
DDR0_DM3
DDRSS Data Mask
IO
R5
DDR0_DQ0
DDRSS Data
IO
A5
DDR0_DQ1
DDRSS Data
IO
A6
DDR0_DQ2
DDRSS Data
IO
B5
DDR0_DQ3
DDRSS Data
IO
C2
DDR0_DQ4
DDRSS Data
IO
B4
DDR0_DQ5
DDRSS Data
IO
C3
DDR0_DQ6
DDRSS Data
IO
A2
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
80
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com