Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 54 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 50Page - Texas Instruments TDA4VM21 Datasheet HTML 51Page - Texas Instruments TDA4VM21 Datasheet HTML 52Page - Texas Instruments TDA4VM21 Datasheet HTML 53Page - Texas Instruments TDA4VM21 Datasheet HTML 54Page - Texas Instruments TDA4VM21 Datasheet HTML 55Page - Texas Instruments TDA4VM21 Datasheet HTML 56Page - Texas Instruments TDA4VM21 Datasheet HTML 57Page - Texas Instruments TDA4VM21 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
U26
rgmii5_rx_ctl
RGMII5_RX_CTL
0
I
OFF
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
RMII7_RX_ER
1
I
0
I2C2_SDA
2
IOD
1
VOUT1_DATA1
4
O
TRC_CTL
5
O
EHRPWM0_SYNCO
6
O
GPIO0_86
7
IO
0
GPMC0_A2
8
OZ
0
MCASP10_AFSX
12
IO
U29
rgmii5_txc
RGMII5_TXC
0
O
OFF
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
RMII7_TX_EN
1
O
I2C6_SCL
2
IOD
1
VOUT1_DATA6
4
O
TRC_DATA4
5
O
EHRPWM1_B
6
IO
0
GPIO0_91
7
IO
0
GPMC0_A7
8
OZ
0
MCASP10_AXR2
12
IO
U23
rgmii5_tx_ctl
RGMII5_TX_CTL
0
O
OFF
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
0/1
RMII7_CRS_DV
1
I
0
I2C2_SCL
2
IOD
1
VOUT1_DATA0
4
O
TRC_CLK
5
O
EHRPWM0_SYNCI
6
I
0
GPIO0_85
7
IO
0
GPMC0_A1
8
OZ
0
MCASP10_ACLKX
12
IO
W26
rgmii6_rxc
RGMII6_RXC
0
I
OFF
7
1.8 V/3.3 V
VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
AUDIO_EXT_REFCLK2
3
IO
0
VOUT1_DE
4
O
TRC_DATA17
5
O
EHRPWM4_B
6
IO
0
GPIO0_104
7
IO
0
GPMC0_A20
8
OZ
0
VOUT1_VP0_DE
9
O
MCASP10_AXR7
12
IO
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
54
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com