| Electronic Components Datasheet Search |
|
TDA4VM21 Datasheet(PDF) 119 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Datasheet(HTML) 119 Page - Texas Instruments |
|
119 / 331 page ![]() Table 5-94. PRU_ICSSG1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG1_PWM3_B1 PRU_ICSSG PWM Output B IO AE20 PRG1_PWM3_B2 PRU_ICSSG PWM Output B IO AD20 PRG1_RGMII1_RXC PRU_ICSSG RGMII Receive Clock I AD22 PRG1_RGMII1_RX_CTL PRU_ICSSG RGMII Receive Control I AH23 PRG1_RGMII1_TXC PRU_ICSSG RGMII Transmit Clock IO AE24 PRG1_RGMII1_TX_CTL PRU_ICSSG RGMII Transmit Control O AC24 PRG1_RGMII2_RXC PRU_ICSSG RGMII Receive Clock I AE23 PRG1_RGMII2_RX_CTL PRU_ICSSG RGMII Receive Control I AH24 PRG1_RGMII2_TXC PRU_ICSSG RGMII Transmit Clock IO AJ26 PRG1_RGMII2_TX_CTL PRU_ICSSG RGMII Transmit Control O AJ27 PRG1_RGMII1_RD0 PRU_ICSSG RGMII Receive Data I AC23 PRG1_RGMII1_RD1 PRU_ICSSG RGMII Receive Data I AG22 PRG1_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I AF22 PRG1_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AJ23 PRG1_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AF24 PRG1_RGMII1_TD1 PRU_ICSSG RGMII Transmit Data O AJ24 PRG1_RGMII1_TD2 PRU_ICSSG RGMII Transmit Data O AG24 PRG1_RGMII1_TD3 PRU_ICSSG RGMII Transmit Data O AD24 PRG1_RGMII2_RD0 PRU_ICSSG RGMII Receive Data I AE22 PRG1_RGMII2_RD1 PRU_ICSSG RGMII Receive Data I AG23 PRG1_RGMII2_RD2 PRU_ICSSG RGMII Receive Data I AF23 PRG1_RGMII2_RD3 PRU_ICSSG RGMII Receive Data I AD23 PRG1_RGMII2_TD0 PRU_ICSSG RGMII Transmit Data O AJ25 PRG1_RGMII2_TD1 PRU_ICSSG RGMII Transmit Data O AH25 PRG1_RGMII2_TD2 PRU_ICSSG RGMII Transmit Data O AG25 PRG1_RGMII2_TD3 PRU_ICSSG RGMII Transmit Data O AH26 PRG1_UART0_CTSn PRU_ICSSG UART Clear to Send (active low) I AG20 PRG1_UART0_RTSn PRU_ICSSG UART Request to Send (active low) O AD21 PRG1_UART0_RXD PRU_ICSSG UART Receive Data I AF21 PRG1_UART0_TXD PRU_ICSSG UART Transmit Data O AB23 5.3.24 MCASP 5.3.24.1 MAIN Domain Table 5-95. MCASP0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP0_ACLKR MCASP Receive Bit Clock IO AE27 MCASP0_ACLKX MCASP Transmit Bit Clock IO AB26 MCASP0_AFSR MCASP Receive Frame Sync IO AD26 MCASP0_AFSX MCASP Transmit Frame Sync IO AB25 MCASP0_AXR0 MCASP Serial Data (Input/Output) IO AF28 MCASP0_AXR1 MCASP Serial Data (Input/Output) IO AE28 MCASP0_AXR2 MCASP Serial Data (Input/Output) IO AD25 MCASP0_AXR3 MCASP Serial Data (Input/Output) IO AC29 MCASP0_AXR4 MCASP Serial Data (Input/Output) IO AE26 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 119 Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |