Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 125 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 125 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 121Page - Texas Instruments TDA4VM21 Datasheet HTML 122Page - Texas Instruments TDA4VM21 Datasheet HTML 123Page - Texas Instruments TDA4VM21 Datasheet HTML 124Page - Texas Instruments TDA4VM21 Datasheet HTML 125Page - Texas Instruments TDA4VM21 Datasheet HTML 126Page - Texas Instruments TDA4VM21 Datasheet HTML 127Page - Texas Instruments TDA4VM21 Datasheet HTML 128Page - Texas Instruments TDA4VM21 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 331 page
background image
5.3.26 DP
5.3.26.1 MAIN Domain
Note
DP0_TX functionality is available on the SERDES pins. For more information, refer to Section 5.3.16,
SERDES.
Table 5-108. DP0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
DP0_AUXN
Display port differential auxiliary data (negative)
IO
G6
DP0_AUXP
Display port differential auxiliary data (positive)
IO
F7
DP0_HPD
Display Port Hot Plugged Display Detect
I
W2, Y4
5.3.27 Camera Streaming Interface Receiver (CSI_RX_IF) Subsystem
5.3.27.1 MAIN Domain
Table 5-109. CSI0 Signal Descriptions
SIGNAL NAME [1] (2)
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CSI0_RXCLKN
CSI Differential Receive Clock Input (negative)
I
B20
CSI0_RXCLKP
CSI Differential Receive Clock Input (positive)
I
A21
CSI0_RXRCALIB
(1)
CSI pin connected to external resistor for on-chip resistor
calibration
A
F16
CSI0_RXN0
CSI Differential Receive Input (negative)
I
B19
CSI0_RXP0
CSI Differential Receive Input (positive)
I
A20
CSI0_RXN1
CSI Differential Receive Input (negative)
I
D18
CSI0_RXP1
CSI Differential Receive Input (positive)
I
C19
CSI0_RXN2
CSI Differential Receive Input (negative)
I
D17
CSI0_RXP2
CSI Differential Receive Input (positive)
I
C18
CSI0_RXN3
CSI Differential Receive Input (negative)
I
E16
CSI0_RXP3
CSI Differential Receive Input (positive)
I
E17
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
(2)
CSI TX functionally is available on the DSI pins. For more information, refer to Section 5.3.28, DSI_TX.
Table 5-110. CSI1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CSI1_RXCLKN
CSI Differential Receive Clock Input (negative)
I
B17
CSI1_RXCLKP
CSI Differential Receive Clock Input (positive)
I
A18
CSI1_RXRCALIB
(1)
CSI pin connected to external resistor for on-chip resistor
calibration
A
F15
CSI1_RXN0
CSI Differential Receive Input (negative)
I
B16
CSI1_RXP0
CSI Differential Receive Input (positive)
I
A17
CSI1_RXN1
CSI Differential Receive Input (negative)
I
D15
CSI1_RXP1
CSI Differential Receive Input (positive)
I
C16
CSI1_RXN2
CSI Differential Receive Input (negative)
I
D14
CSI1_RXP2
CSI Differential Receive Input (positive)
I
C15
CSI1_RXN3
CSI Differential Receive Input (negative)
I
E13
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
125
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com