Electronic Components Datasheet Search
  English  ▼

X  

RC9624DP Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 8Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 9Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 10Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 11Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 12Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 13Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 14Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 15Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
2.0 Hardware Interface
RC96V24DP
Single Device Data/Modem Data Pump
2-2
D96V24DSA
Figure 2-1. RC9623DP Functional Interface Signals
RC96V24DP
MODEM
DEVICE
HOST
PROCESSOR
BUS
INTERFACE
CRYSTAL
DECODER
TXD
XTLO
RXD
XTCLK
TDCLK
XTLI
DATA BUS (8)
RDCLK
READ
WRITE
ADDRESS BUS (5)
CS
+5V
RESET
NOTE: REQUIRED EXTERNAL COMPONENTS
ARE NOT SHOWN
OSCILLOSCOPE
TELEPHONE
LINE
INTERFACE
SPEAKER
AMPLIFIER
(OPTIONAL)
EYE
PATTERN
GENERATOR
(OPTIONAL)
EYEX
EYEY
EYESYNC
EYECLK
TXA2
TXA1
RADVR
RBDVR
RING
SPKR
+5V
RXA
D0-D7
RS0-RS4
IRQ
SERIAL
INTERFACE
DGND
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com