Electronic Components Datasheet Search
  English  ▼

X  

RC9624DP Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # RC9624DP
Description  Single Device Data/Fax Modem Data Pump
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC9624DP Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button RC9624DP Datasheet HTML 23Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 24Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 25Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 26Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 27Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 28Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 29Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 30Page - List of Unclassifed Manufacturers RC9624DP Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
RC96V24DP
3.0 Software Interface
Single Device Data/Modem Data Pump
3.4 DSP RAM Access
D96V24DSA
3-7
3.4 DSP RAM Access
The DSP contains four sections of 16-bit wide random access memory (RAM).
Because the DSP is optimized for performing complex arithmetic, the RAM is
organized into real (X RAM) and imaginary (Y RAM) sections, as well as data
and coefficient sections. The host processor can access (read or write) the X
RAM only, the Y RAM only, or both the X RAM and the Y RAM simultaneously
in either the data or coefficient section.
XCR
1D:0
X Coefficient RAM Select. Controls XADD access to the DSP’s X Coefficient RAM or the
X Data RAM.
XCRD
1D:2
X RAM Continuous Read. Enables read of X RAM every sample from the location
addressed by XADD independent of the XACC and XWT bits.
XDAL
18:0-7
X RAM Data LSB. The least significant byte of the 16-bit X RAM data word used in
reading or writing X RAM locations in the DSR
XDAM
19:0-7
X RAM Data MSB. The most significant byte of the 16-bit X RAM data word used In
reading or writing X RAM locations in the DSR
XWT
1D:1
X RAM Write. Controls the reading of data from, or the writing of data to, the X RAM
Data registers (18 and 19) using the X RAM location addressed by XADD and XCR.
YACC
1B:7
Y RAM Access Enable. Controls DSP access of the Y RAM associated with the address
In YADD and the YCR bit. YWT determines if a read or write is performed.
YADD
1A0-7
Y RAM Address. Contains the Y RAM address used to access the DSP’s V Data RAM or V
Coefficient RAM (selected by YCR) via the Y RAM Data LSB and MSB registers.
YCR
15:0
Y Coefficient RAM Select. Controls YADD access to the DSP’s Y Coefficient RAM or the
Y Data RAM.
YCRD
15:2
Y RAM Continuous Read. Enables read of Y RAM every sample from the location
addressed by YADD Independent of the YACC and YWT bits.
YDAL
16:0-7
Y RAM Data LSB. The least significant byte of the 16-bit Y RAM data word used in
reading or writing Y RAM locations in the DSP
YDAM
17:0-7
Y RAM Data MSB. The most significant byte of the 16-bit Y RAM data word used in
reading or writing Y RAM locations in the DSP.
YWT
1B:1
Y RAM Write. Controls the reading of data from, or the writing of data to. the Y RAM
Data registers (16 and 17) using the Y RAM location addressed by YADD and YCR.
Table 3-2. Interface Memory Bit Functions (Continued)
Mnemonic
Memory
Location
Name/Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com